Electronic Components Datasheet Search
  English  ▼

X  

OP292 Datasheet(PDF) 8 Page - Analog Devices

Part # OP292
Description  Dual/Quad Single-Supply Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP292 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP292 Datasheet HTML 4Page - Analog Devices OP292 Datasheet HTML 5Page - Analog Devices OP292 Datasheet HTML 6Page - Analog Devices OP292 Datasheet HTML 7Page - Analog Devices OP292 Datasheet HTML 8Page - Analog Devices OP292 Datasheet HTML 9Page - Analog Devices OP292 Datasheet HTML 10Page - Analog Devices OP292 Datasheet HTML 11Page - Analog Devices OP292 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
OP292/OP492
Data Sheet
240
0
8
60
30
1
0
120
90
150
180
210
7
6
5
4
3
2
VS = 5V
VCM = 0V
–40°C ≤ TA ≤ +125°C
600 OP AMPS
TCVOS (µV/°C)
Figure 9. OP292 Temperature Drift (TCVOS) Distribution @ ±15 V
125
–25
100
–50
50
25
75
0
TEMPERATURE (°C)
VS = 5V
VO = 4V
RL = 2kΩ
RL = 10kΩ
600
0
300
100
200
500
400
Figure 10. OP292 Open-Loop Gain vs. Temperature @ 5 V
125
–25
100
–50
50
25
75
0
TEMPERATURE (°C)
VS = ±15V
VO = ±10V
RL = 2kΩ
RL = 10kΩ
250
0
100
50
200
150
Figure 11. OP292 Open-Loop Gain vs. Temperature @ ±15 V
200
0
8
50
25
1
0
100
75
125
150
175
7
6
5
4
3
2
TCVOS (µV/°C)
VS = ±15V
VCM = 0V
–40°C ≤ TA ≤ +125°C
600 OP AMPS
Figure 12. OP492 Temperature Drift (TCVOS) Distribution @ ±15 V
900
0
125
200
100
–25
–50
300
400
500
600
700
800
100
75
50
25
0
TEMPERATURE (°C)
VS = 5V
VO = 4V
RL = 2kΩ
RL = 10kΩ
Figure 13. OP492 Open-Loop Gain vs. Temperature @ 5 V
400
0
125
100
50
–25
–50
150
200
250
300
350
100
75
50
25
0
TEMPERATURE (°C)
VS = ±15V
VO = ±10V
RL = 2kΩ
RL = 10kΩ
Figure 14. OP492 Open-Loop Gain vs. Temperature @ ±15 V
Rev. D | Page 8 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com