Electronic Components Datasheet Search
  English  ▼

X  

OP292GS Datasheet(PDF) 14 Page - Analog Devices

Part # OP292GS
Description  Dual/Quad Single-Supply Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP292GS Datasheet(HTML) 14 Page - Analog Devices

Back Button OP292GS Datasheet HTML 10Page - Analog Devices OP292GS Datasheet HTML 11Page - Analog Devices OP292GS Datasheet HTML 12Page - Analog Devices OP292GS Datasheet HTML 13Page - Analog Devices OP292GS Datasheet HTML 14Page - Analog Devices OP292GS Datasheet HTML 15Page - Analog Devices OP292GS Datasheet HTML 16Page - Analog Devices OP292GS Datasheet HTML 17Page - Analog Devices OP292GS Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
OP292/OP492
Data Sheet
TYPICAL APPLICATIONS
DIRECT ACCESS ARRANGEMENT FOR TELEPHONE
LINE INTERFACE
Figure 36 shows a 5 V single-supply transmit/receive telephone line
interface for a modem circuit. It allows full duplex transmission
of modem signals on a transformer-coupled 600 V line in a
differential manner. The transmit section gain can be set for the
specific modem device output. Similarly, the receive amplifier
gain can be appropriately selected based on the modem device
input requirements. The circuit operates on a single 5 V supply.
The standard value resistors allow the use of a SIP-packaged
resistor array; coupled with a quad op amp in a single package,
this offers a compact, low part count solution.
5V DC
6.2V
6.2V
T1
1:1
TO
TELEPHONE
LINE
0.1µF
50kΩ
10µF
MODEM
TX GAIN ADJUST
RX GAIN ADJUST
0.1µF
300kΩ
20kΩ
20kΩ
20kΩ
20kΩ
20kΩ
20kΩ
0.1µF
20kΩ
100pF
5kΩ
5kΩ
1/4
OP492
1/4
OP492
1/4
OP492
5V
TRANSMIT
TXA
RECEIVE
RXA
300kΩ
20kΩ
50kΩ
Figure 36. Universal Direct Access Arrangement for Telephone Line Interface
SINGLE-SUPPLY INSTRUMENTATION AMPLIFIER
A low cost, single-supply instrumentation amplifier can be built
as shown in Figure 37. The circuit uses two op amps to form a
high input impedance differential amplifier. Gain can be set by
selecting resistor RG, which can be calculated using the transfer
function equation. Normally, VREF is set to 0 V. Then the output
voltage is a function of the gain times the differential input voltage.
However, the output can be offset by setting VREF from 0 V to
4 V, as long as the input common-mode voltage of the amplifier
is not exceeded.
VIN
VREF
8
VOUT
5V
7
4
1
5
VOUT = 5 +
40kΩ
RG
RG
+ VREF
20kΩ
5kΩ
20kΩ
5kΩ
1/2
OP292
1/2
OP292
Figure 37. Single-Supply Instrumentation Amplifier
In this configuration, the output can swing to near 0 V; however,
be careful because the common-mode voltage range of the input
cannot operate to 0 V. This is because of the limitation of the
circuit configuration where the first amplifier must be able to
swing below ground to attain a 0 V common-mode voltage,
which it cannot do. Depending on the gain of the instrumentation
amplifier, the input common-mode extends to within about 0.3 V
of zero. The worst-case common-mode limit for a given gain
can be easily calculated.
DAC OUTPUT AMPLIFIER
The OP292/OP492 are ideal for buffering the output of single-
supply digital-to-analog converters (DACs). Figure 38 shows a
typical amplifier used to buffer the output of a CMOS DAC
that is connected for single-supply operation. To do that, the
normally current output 12-bit CMOS DAC (R-2R ladder
type) is connected backward to produce a voltage output. This
operating configuration necessitates a low voltage reference. In
this case, a 1.235 V low power reference is used. The relatively
high output impedance (10 kΩ) is buffered by the OP292, and
at the same time, gained up to a much more usable level. The
potentiometer provides an accurate gain trim for a 4.095 V full-
scale, allowing 1 mV increment per LSB of control resolution.
The DAC8043 device comes in an 8-lead PDIP package, providing
a cost-effective, compact solution to a 12-bit analog channel.
VDD
Clk
Sri
1
2
3
4
8
7
6
5
DAC8043
5V
5V
5V
7.5kΩ
1.235V
AD589
NC
DIGITAL
CONTROL
500kΩ
8.45kΩ
VOUT
20kΩ
1/2
OP292
1mV/LSB
0V – 4.095V
FS
VREF
RFB
IOUT
GND
LD
LD
SRI
SRI
CLK
CLK
VDD
Figure 38. 12-Bit Single-Supply DAC with Serial Bus Control
Rev. D | Page 14 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com