Electronic Components Datasheet Search
  English  ▼

X  

SSM2135 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2135
Description  Dual Single-Supply Audio Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2135 Datasheet(HTML) 4 Page - Analog Devices

  SSM2135 Datasheet HTML 1Page - Analog Devices SSM2135 Datasheet HTML 2Page - Analog Devices SSM2135 Datasheet HTML 3Page - Analog Devices SSM2135 Datasheet HTML 4Page - Analog Devices SSM2135 Datasheet HTML 5Page - Analog Devices SSM2135 Datasheet HTML 6Page - Analog Devices SSM2135 Datasheet HTML 7Page - Analog Devices SSM2135 Datasheet HTML 8Page - Analog Devices SSM2135 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SSM2135
Rev. G | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
Single Supply
36 V
Dual Supply
±18 V
Input Voltage
±VS
Differential Input Voltage
10 V
Output Short-Circuit Duration
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature Range (TJ)
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3.
Package Type
θJA
θJC
Unit
8-Lead SOIC (R-8)
158
43
°C/W
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com