Electronic Components Datasheet Search
  English  ▼

X  

ADRF5534 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF5534
Description  3.1 GHz to 4.2 GHz, Receiver Front End
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5534 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF5534 Datasheet HTML 3Page - Analog Devices ADRF5534 Datasheet HTML 4Page - Analog Devices ADRF5534 Datasheet HTML 5Page - Analog Devices ADRF5534 Datasheet HTML 6Page - Analog Devices ADRF5534 Datasheet HTML 7Page - Analog Devices ADRF5534 Datasheet HTML 8Page - Analog Devices ADRF5534 Datasheet HTML 9Page - Analog Devices ADRF5534 Datasheet HTML 10Page - Analog Devices ADRF5534 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Data Sheet
ADRF5534
THEORY OF OPERATION
analog.com
Rev. A | 9 of 11
The ADRF5534 requires a positive supply voltage applied to the
VCC. Use the bypass capacitors on the supply lines to filter noise.
Refer to the application circuit for the capacitor values and configu-
ration.
SIGNAL PATH SELECTION
The ADRF5534 supports two operational states: transmit operation
and receive operation.
The transmit operation is enabled when 0 V is applied to T/R. In
the transmit operation, the signal paths are connected from ANT to
TERM. Additionally, the ADRF5534 disables the power to the LNA,
reducing the current and thermal contributions from the LNA.
The receive operation is enabled when 5 V is applied to T/R. In
the receive operation, the signal paths are connected from ANT to
RXOUT. During the receive operation, the switch is in an isolation
state.
BIASING SEQUENCE
To bias up the ADRF5534, perform the following steps:
1. Connect any GND pin to ground.
2. Power up the supply input VCC.
3. Apply digital control input T/R. Applying the T/R control before
applying the VCC supply inadvertently forward biases and
damages the internal ESD protection structures. To avoid this
damage, use a series 1 kΩ resistor to limit the current flowing
into the control pin. Use pull-up or pull-down resistors if the
controller output is in a high-impedance state after VCC is
powered up and the control pins are not driven to a valid logic
state.
4. Apply an RF input signal.
To bias down, perform these steps in the reverse order.
Table 6. Truth Table: Signal Path Selection
T/R
Signal Path Selection
Transmit Operation (ANT to TERM)
Receive Operation (ANT to RXOUT)
Low
On
Off, LNA powered down
High
Off, isolation state
On



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com