Electronic Components Datasheet Search
  English  ▼

X  

RH27 Datasheet(PDF) 1 Page - Analog Devices

Part # RH27
Description  Precision Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

RH27 Datasheet(HTML) 1 Page - Analog Devices

  RH27 Datasheet HTML 1Page - Analog Devices RH27 Datasheet HTML 2Page - Analog Devices RH27 Datasheet HTML 3Page - Analog Devices RH27 Datasheet HTML 4Page - Analog Devices RH27 Datasheet HTML 5Page - Analog Devices RH27 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RH27
1
Rev. F
For more information www.analog.com
PACKAGE INFORMATION
BURN-IN CIRCUIT
DESCRIPTION
Precision Operational
Amplifier
All registered trademarks and trademarks are the property of their respective owners.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ...................................................... ±22V
Internal Power Dissipation................................. 500mW
Input Voltage............................. Equal to Supply Voltage
Output Short-Circuit Duration ......................... Indefinite
Differential Input Current (Note 8) ...................... ±25mA
Operating Temperature Range............... –55°C to 125°C
Junction Temperature Range ................ –55°C to 150°C
Storage Temperature Range.................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300°C
TheRH27combinesverylownoisewithexcellentprecision
and high speed specifications. The low 1/f noise corner
frequency of 2.7Hz combined with 3.5nV√Hz 10Hz noise
and low offset voltage make the RH27 an excellent choice
for low frequency military instrumentation applications.
The wafer lots are processed to Analog Devices’ in-house
Class S flow to yield circuits usable in stringent military
applications.
For complete electrical specifications and performance
curves see the OP-27/OP-37 data sheet.
10k
200
10k
20V
–20V
7
6
4
3
2
OR
20V
–20V
7
2
8
3
4
TOP VIEW
V+
VOS TRIM
VOS TRIM
–IN
OUT
NC
+IN
V– (CASE)
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
1
2
3
4
8
7
6
5
TOP VIEW
VOS TRIM
–IN
+IN
V–
VOS TRIM
V+
OUT
NC
J8 PACKAGE
8-LEAD CERDIP
TOP VIEW
W PACKAGE
10-LEAD CERPAC
1
5
4
3
2
10
6
7
8
9
NC
VOS TRIM
–IN
+IN
V–
NC
VOS TRIM
V+
OUT
NC
ORDER PART NUMBER
ORDER PART NUMBER
ORDER PART NUMBER
RH27EH
RH27CH
RH27CJ8
RH27AEW (Note 11)
RH27EW
RH27CW


Similar Part No. - RH27

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH27 LINER-RH27 Datasheet
91Kb / 6P
Precision Operational Amplifier
RH27C LINER-RH27C Datasheet
165Kb / 4P
Precision Operational Amplifier
RH27C LINER-RH27C Datasheet
196Kb / 8P
Quad Precision Operational Amplifier
RH27 LINER-RH27_15 Datasheet
91Kb / 6P
Precision Operational Amplifier
More results

Similar Description - RH27

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
Precision Operational Amplifier
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
Precision Operational Amplifier?
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
Precision Operational Amplifier
19-0286; Rev 1; 8/94
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
Precision Operational Amplifier
June 2004
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
Precision Operational Amplifier
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
Precision Operational Amplifier
logo
Linear Technology
OP07H LINER-OP07H Datasheet
1Mb / 8P
Precision Operational Amplifier
OP07CN8 LINER-OP07CN8 Datasheet
1Mb / 8P
Precision Operational Amplifier
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
Precision Operational Amplifier
March, 2005 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com