Electronic Components Datasheet Search
  English  ▼

X  

RH37C Datasheet(PDF) 4 Page - Analog Devices

Part # RH37C
Description  Precision Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

RH37C Datasheet(HTML) 4 Page - Analog Devices

  RH37C Datasheet HTML 1Page - Analog Devices RH37C Datasheet HTML 2Page - Analog Devices RH37C Datasheet HTML 3Page - Analog Devices RH37C Datasheet HTML 4Page - Analog Devices RH37C Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
RH37C
PDA Test Notes
The PDA is specified as 5% based on failures from group A, subgroup 1,
tests after cooldown as the final electrical test in accordance with method
5004 of MIL-STD-883 Class B. The verified failures of group A, subgroup
1, after burn-in divided by the total number of devices submitted for burn-
in in that lot shall be used to determine the percent for the lot.
Analog Devices reserves the right to test to tighter limits than those given.
TYPICAL PERFOR A CE CHARACTERISTICS
Open-Loop Gain
Input Offset Voltage
Input Bias Current
Common Mode Rejection Ratio
Input Offset Current
TOTAL DOSE KRAD (Si)
1
0
25
RH37C G07
–25
–50
10
100
1000
75
50
VS = ±15V
VCM = 0V
Power Supply Rejection Ratio
TOTAL DOSE KRAD (Si)
1
0
50
150
100
RH37C G03
–50
–100
10
1000
–150
–200
100
VS = ±15V
VCM = 0V
TOTAL DOSE KRAD (Si)
1
140
150
170
100
RH37C G04
130
120
10
1000
110
100
160
VS = ±15V
RL = 2k
VOUT = ±10V
TOTAL DOSE KRAD (Si)
1
200
250
350
100
RH37C G05
150
100
10
1000
50
0
300
VS = ±15V
VCM = 0V
TOTAL DOSE KRAD (Si)
1
140
150
170
100
RH37C G06
130
120
10
1000
110
100
160
VS = ±15V
VCM = ±11V
TABLE 2: ELECTRICAL TEST REQUIRE E TS
MIL-PRF-38535 TEST REQUIREMENTS
SUBGROUP
Final Electrical Test Requirements
1*,2,3,4,5,6,7
Group A Test Requirements
1,2,3,4,5,6,7
1
Group C End Point Electrical Parameters
* PDA applies to subgroup 1. See PDA Test Notes.
TOTAL DOSE KRAD (Si)
1
110
120
140
100
RH37C G08
100
90
10
1000
80
70
130
VS = ±4V TO ±18V
Group
D End Point Electrical Parameters
Group
E End Point Electrical Parameters
1
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com