Electronic Components Datasheet Search
  English  ▼

X  

STW5094AD Datasheet(PDF) 44 Page - STMicroelectronics

Part # STW5094AD
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094AD Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STW5094AD Datasheet HTML 40Page - STMicroelectronics STW5094AD Datasheet HTML 41Page - STMicroelectronics STW5094AD Datasheet HTML 42Page - STMicroelectronics STW5094AD Datasheet HTML 43Page - STMicroelectronics STW5094AD Datasheet HTML 44Page - STMicroelectronics STW5094AD Datasheet HTML 45Page - STMicroelectronics STW5094AD Datasheet HTML 46Page - STMicroelectronics STW5094AD Datasheet HTML 47Page - STMicroelectronics STW5094AD Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
STw5094A
44/51
POWER DISSIPATION
Unless otherwise specified, VCC = 2.7V to 3.3V, Tamb = -30°C to 85°C, LSP, LSN and HPL, HPR outputs
not loaded; typical characteristics are specified at VCC =3V, Tamb = 25°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ICC0
Power down Current, REMOCON
off
SDA, SCL= VCCIO-0.1V
REMOCON function disabled
(REN = 0)
0.4
µA
ICC0R
Power down Current, REMOCON
on
SDA, SCL= VCCIO-0.1V
REMOCON function enabled
(REN = 1)
REMIN = VILREM or REMIN = VIHREM
2
µA
ICC1
Power Up Current in Voice Codec
Mode
Fs=8kHz. LSP/N output selected
5
7
mA
ICC2
Power Up Current in Stereo Audio
Mode
Fs=44.1 kHz, AMCK=12 MHz
HPL,HPR outputs selected,
VCE=0, FSEL=0.
69
mA
ICC3
Power Up Current in FM Stereo
Mode
HPL,HPR outputs selected,
VCE=0.
24
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com