Electronic Components Datasheet Search
  English  ▼

X  

ADPA7002 Datasheet(PDF) 12 Page - Analog Devices

Part # ADPA7002
Description  GaAs, pHEMT, MMIC,1/2 W, 18 GHz to 44 GHz, Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPA7002 Datasheet HTML 8Page - Analog Devices ADPA7002 Datasheet HTML 9Page - Analog Devices ADPA7002 Datasheet HTML 10Page - Analog Devices ADPA7002 Datasheet HTML 11Page - Analog Devices ADPA7002 Datasheet HTML 12Page - Analog Devices ADPA7002 Datasheet HTML 13Page - Analog Devices ADPA7002 Datasheet HTML 14Page - Analog Devices ADPA7002 Datasheet HTML 15Page - Analog Devices ADPA7002 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Data Sheet
ADPA7002
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 12 of 20
Figure 40. Output IP3 vs. Frequency for Various Drain Voltages, POUT per
Tone = 12 dBm
Figure 41. IDD vs. Input Power over Various Frequencies
Figure 42. IDQ vs. VGG1
Figure 43. Output Third-Order Intermodulation (IM3) vs. POUT per Tone for
Various Frequencies at VDD = 4 V
Figure 44. Output IM3 vs. POUT per Tone for Various Frequencies at VDD = 5 V
Figure 45. VREF − VDET vs. Output Power at Various Temperatures, Frequency
= 32 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com