Electronic Components Datasheet Search
  English  ▼

X  

ADPA7002AEHZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADPA7002AEHZ
Description  GaAs, pHEMT, MMIC,1/2 W, 18 GHz to 44 GHz, Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002AEHZ Datasheet(HTML) 5 Page - Analog Devices

  ADPA7002AEHZ Datasheet HTML 1Page - Analog Devices ADPA7002AEHZ Datasheet HTML 2Page - Analog Devices ADPA7002AEHZ Datasheet HTML 3Page - Analog Devices ADPA7002AEHZ Datasheet HTML 4Page - Analog Devices ADPA7002AEHZ Datasheet HTML 5Page - Analog Devices ADPA7002AEHZ Datasheet HTML 6Page - Analog Devices ADPA7002AEHZ Datasheet HTML 7Page - Analog Devices ADPA7002AEHZ Datasheet HTML 8Page - Analog Devices ADPA7002AEHZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADPA7002
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 5 of 20
Table 5.
Parameter
Rating
VDDX
6.0 V
VGG1
−1.6 V to 0 V
RF Input Power (RFIN)
25 dBm
Continuous Power Dissipation (PDISS), TA = 85°C
(Derate 69 mW/°C above 85°C)
6.21 W
Temperature
Storage Range
−65°C to +150°C
Operating Range
−40°C to +85°C
Nominal Junction (TA = 85°C, VDD = 5 V, IDQ =
700 mA)
135.75°C
Maximum Channel Temperature
175°C
Electrostatic Discharge (ESD) Sensitivity
Human Body Model (HBM)
Class 0A (passed 125 V)
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
Table 6. Thermal Resistance
Package Type
θJC
Unit
EH-16-11
14.5
°C/W
1 Thermal resistance (θJC) is determined by simulation under the following
conditions: the heat transfer is due solely to thermal conduction from the
channel, through the ground paddle, to the PCB, and the ground paddle is held
constant at the operating temperature of 85°C.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com