Electronic Components Datasheet Search
  English  ▼

X  

HMC374 Datasheet(PDF) 6 Page - Analog Devices

Part # HMC374
Description  SMT PHEMT LOW NOISE AMPLIFIER, 0.3 - 3.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC374 Datasheet(HTML) 6 Page - Analog Devices

  HMC374 Datasheet HTML 1Page - Analog Devices HMC374 Datasheet HTML 2Page - Analog Devices HMC374 Datasheet HTML 3Page - Analog Devices HMC374 Datasheet HTML 4Page - Analog Devices HMC374 Datasheet HTML 5Page - Analog Devices HMC374 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 65
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads should be connected directly to the
ground plane similar to that shown above. A suffi-
cient number of via holes should be used to connect
the top and bottom ground planes. The evaluation
circuit board shown is available from Hittite upon
request.
List of Materials for Evaluation PCB 109258 [1]
Item
Description
J1, J2
PCB Mount SMA Connector
J3, J4
DC Pin
C1, C2
150 pF Capacitor, 0402 Pkg.
C3
1000 pF Capacitor, 0603 Pkg.
C4
4.7 Capacitor, Tantalum
L1
27 nH Inductor, 0603 Pkg.
U1
HMC374 / HMC374E Amplifier
PCB [2]
109256 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Roger 4350
HMC374 / 374E
SMT PHEMT LOW NOISE
AMPLIFIER, 0.3 - 3.0 GHz
v00.0405
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com