Electronic Components Datasheet Search
  English  ▼

X  

UBA1707TS Datasheet(PDF) 23 Page - NXP Semiconductors

Part # UBA1707TS
Description  Cordless telephone, answering machine line interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA1707TS Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button UBA1707TS Datasheet HTML 19Page - NXP Semiconductors UBA1707TS Datasheet HTML 20Page - NXP Semiconductors UBA1707TS Datasheet HTML 21Page - NXP Semiconductors UBA1707TS Datasheet HTML 22Page - NXP Semiconductors UBA1707TS Datasheet HTML 23Page - NXP Semiconductors UBA1707TS Datasheet HTML 24Page - NXP Semiconductors UBA1707TS Datasheet HTML 25Page - NXP Semiconductors UBA1707TS Datasheet HTML 26Page - NXP Semiconductors UBA1707TS Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
1999 Feb 17
23
Philips Semiconductors
Product specification
Cordless telephone, answering machine
line interface
UBA1707
Vno(RXO)(rms)
noise output voltage at
pin RXO (RMS value)
RXI open-circuit;
psophometrically weighted
(P53 curve)
−−81
−
dBVp
∆G
v(RX)(m)
voltage gain reduction from
pin RXI to RXO when muted
VRXI = 10 mV (RMS);
bit RXM = 1
−
80
−
dB
Automatic gain control (pin AGC; bits RAGC1, RAGC2, SAGC and AGC)
∆Gv(trx)
gain control range for transmit
and receive amplifiers with
respect to Iline =15mA
Iline =90mA
−
6.5
−
dB
Istart
highest line current for
maximum gain
bits RAGC1 = 1; RAGC2 = 1
−
22.5
−
mA
bits RAGC1 = 1; RAGC2 = 0
−
25
−
mA
bits RAGC1 = 0; RAGC2 = 1
−
27
−
mA
bits RAGC1 = 0; RAGC2 = 0
−
29.5
−
mA
Istop
lowest line current for
minimum gain when
Istart =23mA
bits SAGC = 0; RAGC1 = 1;
RAGC2 = 1
−
62
−
mA
bits SAGC = 1; RAGC1 = 1;
RAGC2 = 1
−
43
−
mA
∆G
v(trxoff)
gain variation for transmit and
receive amplifiers when AGC
is off
bit AGC = 0;
Iline = 15 to 140 mA
−−
±0.2
dB
Amplifiers
AUXILIARY AMPLIFIER (PINS AXI AND AXO; BIT AXM)
Zi
input impedance between pins
AXI and GND
−
3.8
−
k
Ω
Gv(AX)
voltage gain from pin
AXI to AXO
VAXI = 2 mV (RMS)
30.8
31.8
32.8
dB
∆G
v(AX)(f)
voltage gain variation with
frequency referenced to 1 kHz
f = 300 to 3400 Hz
−±0.2
−
dB
∆G
v(AX)(T)
voltage gain variation with
temperature referenced to
25
°C
Tamb = −25 to +75 °C
−±0.2
−
dB
PSRR
power supply rejection ratio
−
79
−
dB
Vno(AXO)(rms)
noise output voltage at
pin AXO (RMS value)
pin AXI connected to pin
GND through 200
Ω in series
with 10
µF;
psophometrically weighted
(P53 curve)
−−83
−
dBVp
∆Gv(AX)(m)
voltage gain reduction from
pin AXI to AXO when amplifier
muted
VAXI = 10 mV (RMS);
bit AXM = 1
−
80
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com