Electronic Components Datasheet Search
  English  ▼

X  

1239704 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1239704
Description  SACC-PG9-KD-NUT-SHX - EMC nut
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1239704 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1239704 Datasheet HTML 1Page - PHOENIX CONTACT 1239704 Datasheet HTML 2Page - PHOENIX CONTACT 1239704 Datasheet HTML 3Page - PHOENIX CONTACT 1239704 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
EMC nut, Threads, Pg9, Item is lead-free in accordance with RoHS II without Exemption 6c (Pb
< 0.1 %)
Product description
EMC nut Pg9 required for shield contact with coated housing surfaces.
Commercial data
Item number
1239704
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
AB27
Product key
ABQZBB
GTIN
4063151425265
Weight per piece (including packing)
2.872 g
Weight per piece (excluding packing)
2.74 g
Customs tariff number
74153300
Country of origin
DE
SACC-PG9-KD-NUT-SHX - EMC nut
1239704
https://www.phoenixcontact.com/us/products/1239704
Sep 10, 2024, 4:31 AM
Page 1 (4)


Similar Part No. - 1239704

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1239700 PHOENIX-1239700 Datasheet
262Kb / 7P
SACC-DSIV-FS-4CON-L180 SCO THRX - Device connector rear mounting
1239701 PHOENIX-1239701 Datasheet
486Kb / 8P
SACC-DSIV-FS-4CON-L180SCOTHRSHX - Device connector, rear mounting
1239702 PHOENIX-1239702 Datasheet
186Kb / 4P
SACC-M12-KD-NUT-SHX - EMC nut
1239703 PHOENIX-1239703 Datasheet
187Kb / 4P
SACC-M16-KD-NUT-SHX - EMC nut
1239709 PHOENIX-1239709 Datasheet
242Kb / 6P
VS-EC-MSDB SH SCOX - Device connector front mounting
More results

Similar Description - 1239704

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1412508 PHOENIX-1412508 Datasheet
61Kb / 1P
SACC-M10-NUT
1440151 PHOENIX-1440151 Datasheet
272Kb / 3P
EMV nut - SACC-M12-KD-NUT-SH
1440164 PHOENIX-1440164 Datasheet
266Kb / 3P
EMV nut - SACC-M16-KD-NUT-SH
1440177 PHOENIX-1440177 Datasheet
53Kb / 2P
EMV nut - SACC-PG9-KD-NUT-SH
1556317 PHOENIX-1556317 Datasheet
46Kb / 2P
EMV nut - SACC-M16-NUT-SH
1556508 PHOENIX-1556508 Datasheet
49Kb / 2P
EMV nut - SACC-M12-NUT-SH
3241139 PHOENIX-3241139 Datasheet
51Kb / 2P
Nut - WP-CN PA PG9
09/12/2020
3241153 PHOENIX-3241153 Datasheet
53Kb / 2P
Nut - WP-CN BRASS PG9
09/12/2020
1504084 PHOENIX-1504084 Datasheet
236Kb / 6P
SACC-E-MU-PG9 - Flat nut
1412077 PHOENIX-1412077 Datasheet
188Kb / 5P
SACC-M14-NUT - Flat nut
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com