Electronic Components Datasheet Search
  English  ▼

X  

1244506 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1244506
Description  SH-8ESS48A8LB3X - Cable connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1244506 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1244506 Datasheet HTML 1Page - PHOENIX CONTACT 1244506 Datasheet HTML 2Page - PHOENIX CONTACT 1244506 Datasheet HTML 3Page - PHOENIX CONTACT 1244506 Datasheet HTML 4Page - PHOENIX CONTACT 1244506 Datasheet HTML 5Page - PHOENIX CONTACT 1244506 Datasheet HTML 6Page - PHOENIX CONTACT 1244506 Datasheet HTML 7Page - PHOENIX CONTACT 1244506 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
M23, Cable connector, series: SH, straight long, shielded: yes, Screw locking mechanism, No. of
pos.: 8+4+PE, contact connection type: Socket, Crimp connection, cable diameter range: 9 mm .
.. 12 mm, coding: N, Item is lead-free in accordance with RoHS II without Exemption 6c (Pb < 0. 
1 %)
Your advantages
All housing can be fitted with pin or socket contacts
•
A total of eight contacts are available for signal transmission
•
Reduced connection time with optional SPEEDCON fast locking system
•
Safe use in the field, thanks to high degree of protection
•
Consistent EMC protection for reliable connection solutions in the industrial environment
•
Commercial data
Item number
1244506
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
ABRCDA
GTIN
4063151407353
Weight per piece (including packing)
126.9 g
Weight per piece (excluding packing)
120 g
Country of origin
DE
SH-8ESS48A8LB3X - Cable connector
1244506
https://www.phoenixcontact.com/us/products/1244506
Sep 10, 2024, 4:29 AM
Page 1 (8)


Similar Part No. - 1244506

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1244500 PHOENIX-1244500 Datasheet
610Kb / 16P
SH-8ESC58A8LB4X - Cable connector
1244502 PHOENIX-1244502 Datasheet
562Kb / 16P
SH-8ESC58A8LB2X - Cable connector
1244503 PHOENIX-1244503 Datasheet
384Kb / 8P
SH-8ESC58A8LB1X - Cable connector
1244504 PHOENIX-1244504 Datasheet
526Kb / 14P
SH-8ESS48A8LDLX - Cable connector
1244505 PHOENIX-1244505 Datasheet
532Kb / 15P
SH-8ESS48A8LB4X - Cable connector
More results

Similar Description - 1244506

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1621517 PHOENIX-1621517 Datasheet
363Kb / 9P
Cable connector - SH-8ESC58A8LDLS
02/04/2022
1621521 PHOENIX-1621521 Datasheet
362Kb / 9P
Cable connector - SH-8ESC58A8LB3S
02/04/2022
1621997 PHOENIX-1621997 Datasheet
84Kb / 7P
Cable connector - SH-8ESC58A8LDL
08/23/2016
1621528 PHOENIX-1621528 Datasheet
618Kb / 15P
SH-8ESS48A8LB1S - Cable connector
1621538 PHOENIX-1621538 Datasheet
605Kb / 15P
SH-8EPS48A8LB1S - Cable connector
1622006 PHOENIX-1622006 Datasheet
584Kb / 15P
SH-8ESS48A8LB1 - Cable connector
1622015 PHOENIX-1622015 Datasheet
570Kb / 15P
SH-8EPS48A8LB2 - Cable connector
1622013 PHOENIX-1622013 Datasheet
570Kb / 15P
SH-8EPS48A8LB4 - Cable connector
1622008 PHOENIX-1622008 Datasheet
691Kb / 18P
SH-8EPC58A8LB4 - Cable connector
1244516 PHOENIX-1244516 Datasheet
522Kb / 14P
SH-8EPS48A8LB3X - Cable connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com