Electronic Components Datasheet Search
  English  ▼

X  

1613326 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1613326
Description  ST-17S1N8A8K05S - Cable connector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1613326 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1613326 Datasheet HTML 1Page - PHOENIX CONTACT 1613326 Datasheet HTML 2Page - PHOENIX CONTACT 1613326 Datasheet HTML 3Page - PHOENIX CONTACT 1613326 Datasheet HTML 4Page - PHOENIX CONTACT 1613326 Datasheet HTML 5Page - PHOENIX CONTACT 1613326 Datasheet HTML 6Page - PHOENIX CONTACT 1613326 Datasheet HTML 7Page - PHOENIX CONTACT 1613326 Datasheet HTML 8Page - PHOENIX CONTACT 1613326 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable connector, straight, SPEEDCON, M17, number of positions: 17, contact connection type:
Socket, shielded: yes, degree of protection: IP67, cable diameter range: 11 mm ... 12.7 mm,
number of positions: 17, connection method: Crimp connection, series: ST, Alternative product in
accordance with RoHS II without Exemption 6c (Pb < 0.1 %) item no.: 1242727
Your advantages
Reduced size: ideal for compact devices
•
Consistent EMC protection for reliable connection solutions in the industrial environment
•
Crimping connection: vibration- and temperature-resistant assembly
•
Flexible use: reliably connect various cable diameters
•
Commercial data
Item number
1613326
Packing unit
30 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
ABRADB
Catalog page
Page 166 (NTK-2012)
GTIN
4046356708630
Weight per piece (including packing)
34.43 g
Weight per piece (excluding packing)
34.43 g
Country of origin
DE
ST-17S1N8A8K05S - Cable connector
1613326
https://www.phoenixcontact.com/us/products/1613326
Sep 10, 2024, 4:28 AM
Page 1 (9)


Similar Part No. - 1613326

ManufacturerPart #DatasheetDescription
logo
Lumberg
161332 LUMBERG-161332 Datasheet
322Kb / 3P
Power supply connectors
09/2023
logo
PHOENIX CONTACT
1613324 PHOENIX-1613324 Datasheet
515Kb / 13P
ST-17S1N8A8K03S - Cable connector
1613325 PHOENIX-1613325 Datasheet
515Kb / 13P
ST-17S1N8A8K04S - Cable connector
More results

Similar Description - 1613326

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607624 PHOENIX-1607624 Datasheet
146Kb / 9P
Cable connector - ST-17P1N8A8003
09/11/2020
1607685 PHOENIX-1607685 Datasheet
551Kb / 14P
ST-3ES1N8A8004S - Cable connector
1607643 PHOENIX-1607643 Datasheet
613Kb / 15P
ST-17S1N8A8004 - Cable connector
1607644 PHOENIX-1607644 Datasheet
597Kb / 15P
ST-17S1N8A8004S - Cable connector
1613580 PHOENIX-1613580 Datasheet
553Kb / 14P
ST-6ES1N8A8004S - Cable connector
1618575 PHOENIX-1618575 Datasheet
476Kb / 12P
ST-3EP1N8A8K04S - Cable connector
1618624 PHOENIX-1618624 Datasheet
445Kb / 11P
ST-6EP1N8A8K04S - Cable connector
1618630 PHOENIX-1618630 Datasheet
479Kb / 12P
ST-6ES1N8A8K04S - Cable connector
1624537 PHOENIX-1624537 Datasheet
561Kb / 14P
ST-3ES1N8A8005 - Cable connector
1624538 PHOENIX-1624538 Datasheet
550Kb / 14P
ST-3ES1N8A8005S - Cable connector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com