Electronic Components Datasheet Search
  English  ▼

X  

1765849 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1765849
Description  MSTBP 2,5/ 9-ST - PCB connector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1765849 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1765849 Datasheet HTML 1Page - PHOENIX CONTACT 1765849 Datasheet HTML 2Page - PHOENIX CONTACT 1765849 Datasheet HTML 3Page - PHOENIX CONTACT 1765849 Datasheet HTML 4Page - PHOENIX CONTACT 1765849 Datasheet HTML 5Page - PHOENIX CONTACT 1765849 Datasheet HTML 6Page - PHOENIX CONTACT 1765849 Datasheet HTML 7Page - PHOENIX CONTACT 1765849 Datasheet HTML 8Page - PHOENIX CONTACT 1765849 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
9, number of rows: 1, number of positions: 9, number of connections: 9, product range: MSTBP
2,5/..-ST, pitch: 5 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in
system: COMBICON MSTB 2,5, locking: without, mounting: without, type of packaging: packed
in cardboard
Your advantages
Well-known connection principle allows worldwide use
•
Low temperature rise, thanks to maximum contact force
•
Quick and convenient testing using integrated test option
•
Allows connection of two conductors
•
Commercial data
Item number
1765849
Packing unit
50 pc
Minimum order quantity
50 pc
Note
Made to order (non-returnable)
Sales key
AA03
Product key
AACAFF
Catalog page
Page 264 (C-1-2013)
GTIN
4017918031879
Weight per piece (including packing)
18.12 g
Weight per piece (excluding packing)
17.629 g
Customs tariff number
85366990
Country of origin
PL
MSTBP 2,5/ 9-ST - PCB connector
1765849
https://www.phoenixcontact.com/us/products/1765849
Sep 10, 2024, 4:35 AM
Page 1 (15)


Similar Part No. - 1765849

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1765807 PHOENIX-1765807 Datasheet
317Kb / 6P
MSTB 2,5/ 5-G
1765807 PHOENIX-1765807 Datasheet
145Kb / 5P
MSTBV 2,5/ 5-G
1765810 PHOENIX-1765810 Datasheet
145Kb / 5P
MSTB 2,5/ 6-G
1765810 PHOENIX-1765810 Datasheet
180Kb / 5P
MDSTB 2,5/ 6-G1
1765810 PHOENIX-1765810 Datasheet
106Kb / 4P
MSTB 2,5/ 6-G BK
More results

Similar Description - 1765849

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1769036 PHOENIX-1769036 Datasheet
146Kb / 10P
Printed-circuit board connector - MSTBP 2,5/ 4-ST-5,08
1769146 PHOENIX-1769146 Datasheet
131Kb / 9P
Printed-circuit board connector - MSTBP 2,5/15-ST-5,08
1769159 PHOENIX-1769159 Datasheet
158Kb / 6P
MSTBP 2,5/16-ST-5,08
1765823 PHOENIX-1765823 Datasheet
130Kb / 10P
Printed-circuit board connector - MSTBP 2,5/ 7-ST
1765865 PHOENIX-1765865 Datasheet
123Kb / 9P
Printed-circuit board connector - MSTBP 2,5/11-ST
1765904 PHOENIX-1765904 Datasheet
117Kb / 8P
Printed-circuit board connector - MSTBP 2,5/15-ST
1765917 PHOENIX-1765917 Datasheet
117Kb / 8P
Printed-circuit board connector - MSTBP 2,5/16-ST
1912919 PHOENIX-1912919 Datasheet
390Kb / 12P
PCB connector - MVSTBW 2,5 HC/ 9-ST-5,08
Nov 30, 2022
1912809 PHOENIX-1912809 Datasheet
301Kb / 11P
MVSTBW 2,5 HC/ 9-ST - PCB connector
1912362 PHOENIX-1912362 Datasheet
523Kb / 15P
MVSTBR 2,5 HC/ 9-ST - PCB connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com