Electronic Components Datasheet Search
  English  ▼

X  

1789342 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1789342
Description  MC 1,5/11-GF-3,5 P26 THR - PCB header
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1789342 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1789342 Datasheet HTML 1Page - PHOENIX CONTACT 1789342 Datasheet HTML 2Page - PHOENIX CONTACT 1789342 Datasheet HTML 3Page - PHOENIX CONTACT 1789342 Datasheet HTML 4Page - PHOENIX CONTACT 1789342 Datasheet HTML 5Page - PHOENIX CONTACT 1789342 Datasheet HTML 6Page - PHOENIX CONTACT 1789342 Datasheet HTML 7Page - PHOENIX CONTACT 1789342 Datasheet HTML 8Page - PHOENIX CONTACT 1789342 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of potentials: 11, number
of rows: 1, number of positions: 11, number of connections: 11, product range: MC 1,5/..-GF-
THR, pitch: 3.5 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning, solder
pin [P]: 2.6 mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin
connector pattern alignment: Standard, locking: Screw locking mechanism, mounting: Threaded
flange, type of packaging: packed in cardboard
Your advantages
Designed for integration into the SMT soldering process
•
Screwable flange for superior mechanical stability
•
Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
•
Commercial data
Item number
1789342
Packing unit
50 pc
Minimum order quantity
50 pc
Note
Made to order (non-returnable)
Sales key
AA02
Product key
AABTAA
Catalog page
Page 217 (C-1-2013)
GTIN
4046356611510
Weight per piece (including packing)
3.84 g
Weight per piece (excluding packing)
2.2 g
Customs tariff number
85366930
Country of origin
DE
MC 1,5/11-GF-3,5 P26 THR - PCB header
1789342
https://www.phoenixcontact.com/us/products/1789342
Sep 10, 2024, 4:33 AM
Page 1 (11)


Similar Part No. - 1789342

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1789300 PHOENIX-1789300 Datasheet
707Kb / 16P
MC 1,5/ 9-GF-3,5 P26 THR - PCB header
logo
Wurth Elektronik GmbH &...
178930601 WURTH-178930601 Datasheet
1Mb / 37P
WPME-VDMM - Variable Step Down MicroModule 3.5V - 36V Input / 0.3A Output / 1V - 6V Output
Version 2.0
logo
PHOENIX CONTACT
1789317 PHOENIX-1789317 Datasheet
55Kb / 3P
PCB terminal block - FFKDSA1/H-2,54- 3
1789320 PHOENIX-1789320 Datasheet
442Kb / 12P
PCB terminal block - FFKDSA1/V-2,54- 3
Jan 10, 2023
1789326 PHOENIX-1789326 Datasheet
103Kb / 4P
Printed-circuit board connector - MC 1,5/10-GF-3,5 P26 THR
More results

Similar Description - 1789342

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1788521 PHOENIX-1788521 Datasheet
388Kb / 12P
MC 1,5/ 3-G-3,5 P26 THR
1788628 PHOENIX-1788628 Datasheet
402Kb / 12P
MC 1,5/ 8-G-3,5 P26 THR
1843884 PHOENIX-1843884 Datasheet
170Kb / 10P
Feed-through header - MC 1,5/11-GF-3,5
09/12/2020
1788563 PHOENIX-1788563 Datasheet
790Kb / 16P
PCB header - MC 1,5/ 5-G-3,5 P26 THR
Nov 30, 2022
1843868 PHOENIX-1843868 Datasheet
791Kb / 18P
PCB header - MC 1,5/ 9-GF-3,5
Nov 30, 2022
1789203 PHOENIX-1789203 Datasheet
738Kb / 16P
PCB header - MC 1,5/ 4-GF-3,5 P26 THR
Jan 3, 2023
1843826 PHOENIX-1843826 Datasheet
791Kb / 18P
PCB header - MC 1,5/ 5-GF-3,5
1789229 PHOENIX-1789229 Datasheet
741Kb / 16P
MC 1,5/ 5-GF-3,5 P26 THR - PCB header
1789423 PHOENIX-1789423 Datasheet
591Kb / 11P
MC 1,5/ 4-GF-3,5 P20 THR - PCB header
1713373 PHOENIX-1713373 Datasheet
488Kb / 12P
MC 1,5/16-GF-3,5 P20 THR - PCB header
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com