Electronic Components Datasheet Search
  English  ▼

X  

1910319 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1910319
Description  FKCVW 2,5/13-STF - PCB connector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1910319 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1910319 Datasheet HTML 1Page - PHOENIX CONTACT 1910319 Datasheet HTML 2Page - PHOENIX CONTACT 1910319 Datasheet HTML 3Page - PHOENIX CONTACT 1910319 Datasheet HTML 4Page - PHOENIX CONTACT 1910319 Datasheet HTML 5Page - PHOENIX CONTACT 1910319 Datasheet HTML 6Page - PHOENIX CONTACT 1910319 Datasheet HTML 7Page - PHOENIX CONTACT 1910319 Datasheet HTML 8Page - PHOENIX CONTACT 1910319 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
13, number of rows: 1, number of positions: 13, number of connections: 13, product range:
FKCVW 2,5/..-STF, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: -90 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: Screw locking mechanism, mounting: Screw flange, type of packaging: packed in
cardboard
Your advantages
Time saving push-in connection, tools not required
•
Intuitive operation due to color-coded actuating push button
•
Quick and convenient testing using integrated test option
•
Screwable flange for superior mechanical stability
•
Can be combined with the MSTB 2,5 range
•
Commercial data
Item number
1910319
Packing unit
50 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
AACFHD
Catalog page
Page 281 (C-1-2013)
GTIN
4017918175092
Weight per piece (including packing)
24 g
Weight per piece (excluding packing)
22.887 g
Country of origin
SK
FKCVW 2,5/13-STF - PCB connector
1910319
https://www.phoenixcontact.com/us/products/1910319
Sep 10, 2024, 4:33 AM
Page 1 (11)


Similar Part No. - 1910319

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
191030 FESTO-191030 Datasheet
97Kb / 1P
Vacuum cup without connector
6/19/22
logo
PHOENIX CONTACT
1910306 PHOENIX-1910306 Datasheet
776Kb / 17P
FKCVW 2,5/12-STF - PCB connector
1910322 PHOENIX-1910322 Datasheet
740Kb / 16P
FKCVW 2,5/14-STF - PCB connector
1910335 PHOENIX-1910335 Datasheet
156Kb / 5P
MSTB 2,5/15-GF
1910348 PHOENIX-1910348 Datasheet
80Kb / 5P
Printed-circuit board connector - FKCVW 2,5/16-STF
More results

Similar Description - 1910319

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1910348 PHOENIX-1910348 Datasheet
80Kb / 5P
Printed-circuit board connector - FKCVW 2,5/16-STF
1873896 PHOENIX-1873896 Datasheet
91Kb / 5P
Printed-circuit board connector - FKCVW 2,5/11-STF-5,08
1910270 PHOENIX-1910270 Datasheet
80Kb / 5P
Printed-circuit board connector - FKCVW 2,5/ 9-STF
1910212 PHOENIX-1910212 Datasheet
80Kb / 5P
Printed-circuit board connector - FKCVW 2,5/ 3-STF
1910225 PHOENIX-1910225 Datasheet
80Kb / 5P
Printed-circuit board connector - FKCVW 2,5/ 4-STF
1910238 PHOENIX-1910238 Datasheet
80Kb / 5P
Printed-circuit board connector - FKCVW 2,5/ 5-STF
1910241 PHOENIX-1910241 Datasheet
79Kb / 5P
Printed-circuit board connector - FKCVW 2,5/ 6-STF
1873317 PHOENIX-1873317 Datasheet
824Kb / 16P
PCB connector - FKC 2,5/13-STF-5,08
Jan 5, 2023
1902411 PHOENIX-1902411 Datasheet
1Mb / 22P
FKCT 2,5/13-STF-5,08 - PCB connector
1825420 PHOENIX-1825420 Datasheet
644Kb / 16P
IC 2,5/13-STF-5,08 - PCB connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com