Electronic Components Datasheet Search
  English  ▼

X  

PACE1750A Datasheet(PDF) 17 Page - Pyramid Semiconductor Corporation

Part # PACE1750A
Description  SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PACE1750A Datasheet(HTML) 17 Page - Pyramid Semiconductor Corporation

Back Button PACE1750A Datasheet HTML 13Page - Pyramid Semiconductor Corporation PACE1750A Datasheet HTML 14Page - Pyramid Semiconductor Corporation PACE1750A Datasheet HTML 15Page - Pyramid Semiconductor Corporation PACE1750A Datasheet HTML 16Page - Pyramid Semiconductor Corporation PACE1750A Datasheet HTML 17Page - Pyramid Semiconductor Corporation PACE1750A Datasheet HTML 18Page - Pyramid Semiconductor Corporation PACE1750A Datasheet HTML 19Page - Pyramid Semiconductor Corporation PACE1750A Datasheet HTML 20Page - Pyramid Semiconductor Corporation PACE1750A Datasheet HTML 21Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Page 17 of 24
PACE1750A
Document # MICRO-3 Rev. C
Case Outlines: Dual-In-Line (Case X) and Dual-In-Line with Gull-Wing Leads (Case T)
Terminal
Terminal
Terminal
Terminal
Terminal
Terminal
Number
Symbol
Number
Symbol
Number
Symbol
1
GND
23
IB13
44
AS1
2
CON REQ
24
IB14
45
AS0
3
DMA EN
25
IB15
46
GND
4
TRIGO RST
26
MEM PRT ER
47
AK3
5
RESET
27
MEM PAR ER
48
AK2
6
NML PWRUP
28
EXT ADR ER
49
AK1
7
TIMER CLK
29
SYSFLT0
50
AK0
8
UNRCV ER
30
SYSFLT1
51
CPU CLK
9IB0
31
MAJ ER
52
STRBA
10
IB1
32
GND
53
STRBD
11
IB2
33
PWRDN INT
54
BUS REQ
12
IB3
34
USR0INT
55
RDYA
13
IB4
35
USR1INT
56
RDYD
14
IB5
36
USR2INT
57
R/
W
15
IB6
37
USR3INT
58
D/
I
16
IB7
38
USR4INT
59
M/
IO
17
IB8
39
USR5INT
60
BUS BUSY
18
IB9
40
IOL1INT
61
BUS GNT
19
VCC
41
IOL2INT
62
BUS LOCK
20
IB10
42
AS3
63
SNEW
21
IB11
43
AS2
64
VCC
22
IB12
TERMINAL CONNECTIONS
Note: For the 30 MHz and 40 MHz devices, Pins 19 and 46 are connected as shown. For the 15 MHz and 20 MHz devices, these pins are not internally connected to the die.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com