Electronic Components Datasheet Search
  English  ▼

X  

P1750AE-30QLMB Datasheet(PDF) 17 Page - Pyramid Semiconductor Corporation

Part # P1750AE-30QLMB
Description  SINGLE CHIP, 20MHz to 40MHz, ENHANCED CMOS 16-BIT PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P1750AE-30QLMB Datasheet(HTML) 17 Page - Pyramid Semiconductor Corporation

Back Button P1750AE-30QLMB Datasheet HTML 13Page - Pyramid Semiconductor Corporation P1750AE-30QLMB Datasheet HTML 14Page - Pyramid Semiconductor Corporation P1750AE-30QLMB Datasheet HTML 15Page - Pyramid Semiconductor Corporation P1750AE-30QLMB Datasheet HTML 16Page - Pyramid Semiconductor Corporation P1750AE-30QLMB Datasheet HTML 17Page - Pyramid Semiconductor Corporation P1750AE-30QLMB Datasheet HTML 18Page - Pyramid Semiconductor Corporation P1750AE-30QLMB Datasheet HTML 19Page - Pyramid Semiconductor Corporation P1750AE-30QLMB Datasheet HTML 20Page - Pyramid Semiconductor Corporation P1750AE-30QLMB Datasheet HTML 21Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Page 17 of 25
PACE1750AE
Document # MICRO-2 REV G
Case Outlines: Leaded Chip Carrier with unformed leads (Case U) and Leaded Chip Carrier with Gull-
Wing Leads (Case Y)
Terminal
Terminal
Terminal
Terminal
Terminal
Terminal
Number
Symbol
Number
Symbol
Number
Symbol
1
GND
23
IB11
46
AS2
2
CON REQ
24
IB12
47
AS1
3
DMA EN
25
IB13
48
AS0
4
TRIGO RST
26
IB14
49
GND
5
RESET
27
IB15
50
AK3
6
NML PWRUP
28
MEM PRT ER
51
AK2
7
TIMER CLK
29
MEM PAR ER
52
VCC
8
UNRCV ER
30
EXT ADR ER
53
AK1
9
GND
31
SYSFLT0
54
AK0
10
IB0
32
SYSFLT1
55
CPU CLK
11
IB1
33
MAJ ER
56
STRBA
12
IB2
34
GND
57
STRBD
13
IB3
35
VCC
58
BUS REQ
14
IB4
36
PWRDN INT
59
RDYA
15
IB5
37
USR0INT
60
RDYD
16
IB6
38
USR1INT
61
R/
W
17
IB7
39
USR2INT
62
D/
I
18
GND
40
USR3INT
63
M/
IO
19
IB8
41
USR4INT
64
BUS BUSY
20
IB9
42
USR5INT
65
BUS GNT
21
VCC
43
IOL1INT
66
BUS LOCK
22
IB10
44
IOL2INT
67
SNEW
45
AS3
68
VCC
TERMINAL CONNECTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com