Electronic Components Datasheet Search
  English  ▼

X  

LB701 Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # LB701
Description  Infrared LAMP LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LB701 Datasheet(HTML) 5 Page - Seoul Semiconductor

  LB701 Datasheet HTML 1Page - Seoul Semiconductor LB701 Datasheet HTML 2Page - Seoul Semiconductor LB701 Datasheet HTML 3Page - Seoul Semiconductor LB701 Datasheet HTML 4Page - Seoul Semiconductor LB701 Datasheet HTML 5Page - Seoul Semiconductor LB701 Datasheet HTML 6Page - Seoul Semiconductor LB701 Datasheet HTML 7Page - Seoul Semiconductor LB701 Datasheet HTML 8Page - Seoul Semiconductor LB701 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5. RELIABLITY TESTS
0/22
1 time
1 kV, 1.5 kΩ ; 100 pF
ESD
(Human Body Model)
0/22
100 cycles
T
a = -30ºC ~ +100º
(Transfer time : 5sec , 1 Cycle =1hr)
Thermal Shock
0/22
100hrs
T
a = +85ºC,RH=85%
I
F = 25mA
Temperature Humidity
Operating
0/22
1000hrs
T
a = +85ºC,RH=85%
Temperature Humidity
Storage
0/22
1000 hrs
T
a = -30ºC
Low Temperature
Storage
0/22
1000 hrs
T
a = 100ºC
High Temperature
Storage
0/22
0/22
0/22
0/22
0/22
Failures
100 cycles
T
a = -20ºC ~ +80ºC
(Transfer time : 5min , 1 Cycle =1hr)
Temperature Cycle
1 time
T
s = 260 ± 5ºC, t = 10 ± 1 sec
Resistance to soldering
Heat
1000 hrs
T
a = 85ºC, IF = 25mA
High Temperature
Operating
1000 hrs
T
a = -40ºC, IF = 100mA
Low Temperature
Operating
1000 hrs
T
a = RT,
I
F = 100mA
Life Test
Note
Condition
Item
< Judging Criteria For Reliability Tests >
LSL 2 X 0.5
IV
USL X 2.0
IR
USL 1 X 1.2
VF
Notes : 1.USL : Upper Standard Level
2.LSL : Lower Standard Level.
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : 82-2-3281-6269
FAX : 82-2-857-5430
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com