Electronic Components Datasheet Search
  English  ▼

X  

LT701 Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # LT701
Description  Infrared LAMP LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LT701 Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button LT701 Datasheet HTML 3Page - Seoul Semiconductor LT701 Datasheet HTML 4Page - Seoul Semiconductor LT701 Datasheet HTML 5Page - Seoul Semiconductor LT701 Datasheet HTML 6Page - Seoul Semiconductor LT701 Datasheet HTML 7Page - Seoul Semiconductor LT701 Datasheet HTML 8Page - Seoul Semiconductor LT701 Datasheet HTML 9Page - Seoul Semiconductor LT701 Datasheet HTML 10Page - Seoul Semiconductor LT701 Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Forward Voltage
Peak Wavelength
BIN CODE
1.55
1.2
1
Max.
Min.
BIN
CODE
Forward Voltage (V)
@ I
F = 100mA
7. Bin Code Description
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : 82-2-3281-6269
FAX : 82-2-857-5430
940
1
Dominant Wavelength (nm)
@ I
F = 100mA
70
65
C
130
70
D
65
55
B
55
30
A
Max.
Min.
BIN
CODE
Radiant Intensity (
Ie)
@ I
F = 100mA
6
** Note : Binning range can be changed by customer’s requirement.
**
Radiant Intensity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com