Electronic Components Datasheet Search
  English  ▼

X  

KIB6990T Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIB6990T
Description  BICD LINEAR INTEGRATED CIRCUIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIB6990T Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIB6990T Datasheet HTML 1Page - KEC(Korea Electronics) KIB6990T Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2006. 9. 28
2/2
KIB6990T
Revision No : 1
VOUT
VIN
VC-3
VC-2
VC-1
GND
1
5
2
4
3
6
ON/OFF
Control Circuit
10V/10
µF
10
µF/10V
100nF
BLOCK DIAGRAM & APPLICATION CIRCUIT
NO
SYMBOL
FUNCTION
1,2,5
VC - 1,2,3
ON/OFF Control -1,2,3 Pin
3
VOUT
Output Pin
4
VIN
Input pin
6
GND
GND Pin
PIN FUNCTIONS
ELECTRICAL CHARACTERISTIC ( unless otherwise specified Vin=3.3V,Ta=25
)
CHARATERISTICS
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Zener Diode Voltage
VZD
IZ=30mA
-
5.6
-
V
C1 Threshold Voltage
VC1(ON)
VC1=High, IOUT=10mA
1.5
-
-
V
VC1(OFF)
VC1=Low, IOUT=10mA
-
-
0.7
C2 Threshold Voltage
VC2(ON)
VC2=High, IOUT=10mA
2.1
-
-
V
VC2(OFF)
VC2=Low, IOUT=10mA
-
-
1.5
C3 Threshold Voltage
VC3(ON)
VC2=High, IOUT=10mA
2.1
-
-
V
VC3(OFF)
VC2=Low, IOUT=10mA
-
-
1.5
P Channel Drain
Source on Resistance
RDS(ON)
VIN = 4.5V, IIN = 2.3A, VC1 = 2V
-
115
150
m
VIN = 3.3V, IIN = 1.0A, VC1 = 2V
-
175
190
m



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com