Electronic Components Datasheet Search
  English  ▼

X  

CS4299 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS4299
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4299 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS4299_06 Datasheet HTML 28Page - Cirrus Logic CS4299_06 Datasheet HTML 29Page - Cirrus Logic CS4299_06 Datasheet HTML 30Page - Cirrus Logic CS4299_06 Datasheet HTML 31Page - Cirrus Logic CS4299_06 Datasheet HTML 32Page - Cirrus Logic CS4299_06 Datasheet HTML 33Page - Cirrus Logic CS4299_06 Datasheet HTML 34Page - Cirrus Logic CS4299_06 Datasheet HTML 35Page - Cirrus Logic CS4299_06 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
CS4299
32
4.21
Vendor ID1 Register (Index 7Ch)
F[7:0]
First Character of Vendor ID. With a value of F[7:0] = 43h, these bits define the ASCII ‘C’
character.
S[7:0]
Second Character of Vendor ID. With a value of S[7:0] = 52h, these bits define the ASCII ‘R’
character.
Default
4352h. This register contains read-only data.
4.22
Vendor ID2 Register (Index 7Eh)
T[7:0]
Third Character of Vendor ID. With a value of T[7:0] = 59h, these bits define the ASCII ‘Y’
character.
DID[2:0]
Device ID. With a value of DID[2:0] = 011, these bits specify the audio codec is a CS4299.
REV[2:0]
Revision. With a value of REV[2:0] = 001, these bits specify the audio codec revision is ‘A’.
Default
593xh. This register contains read-only data.
The two Vendor ID registers provide a means to determine the manufacturer of the AC ’97 audio codec. The first
three bytes of the Vendor ID registers contain the ASCII code for the first three letters of Crystal (CRY). The final
byte of the Vendor ID registers is divided into a Device ID field and a Revision field. Table 9 lists the currently defined
Device ID’s. Table 10 lists the current revisions of the CS4299.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
F7
F6
F5
F4
F3
F2
F1
F0
S7
S6
S5
S4
S3
S2
S1
S0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
T7
T6
T5
T4
T3
T2
T1
T0
0
DID2
DID1
DID0
0
REV2 REV1 REV0
DID[2:0]
Part Name
000
CS4297
001
CS4297A
010
CS4294/CS4298
011
CS4299
100
CS4201
101
CS4205
Table 9. Device ID with Corresponding Part Number
REV[2:0]
Revision
001
A
010
B
011
C
100
D, E, F, G, H
101
K
110
L
Table 10. Revision Values
32
DS319PP6
CS4299



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com