Electronic Components Datasheet Search
  English  ▼

X  

CDB4340 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CDB4340
Description  24-Bit, 96 kHz Stereo DAC for Audio
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4340 Datasheet(HTML) 4 Page - Cirrus Logic

  CDB4340 Datasheet HTML 1Page - Cirrus Logic CDB4340 Datasheet HTML 2Page - Cirrus Logic CDB4340 Datasheet HTML 3Page - Cirrus Logic CDB4340 Datasheet HTML 4Page - Cirrus Logic CDB4340 Datasheet HTML 5Page - Cirrus Logic CDB4340 Datasheet HTML 6Page - Cirrus Logic CDB4340 Datasheet HTML 7Page - Cirrus Logic CDB4340 Datasheet HTML 8Page - Cirrus Logic CDB4340 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
CS4340
4
DS297F3
1.
CHARACTERISTICS AND SPECIFICATIONS
(Min/Max performance characteristics and specifications are guaranteed over the Specified Operating Conditions.
Typical performance characteristics are derived from measurements taken at TA = 25°C.)
SPECIFIED OPERATING CONDITIONS (All voltages with respect to AGND = 0 V.)
ABSOLUTE MAXIMUM RATINGS (AGND = 0 V; all voltages with respect to AGND. Operation
beyond these limits may result in permanent damage to the device. Normal operation is not guaranteed at these
extremes.)
Notes: 1. Any pin except supplies.
Parameters
Symbol
Min
Nom
Max
Units
DC Power Supply
Nominal 3.3V
Nominal 5.0V
VA
VA
2.7
4.75
3.3
5.0
3.6
5.5
V
V
Specified Operating Temperature
-KS/KSZ/CZZ
(Power Applied)
-DSZ
TA
TA
-10
-40
-+70
+85
°C
°C
Parameters
Symbol
Min
Max
Units
DC Power Supply
VA
-0.3
6.0
V
Input Current
(Note 1)
Iin
-±10
mA
Digital Input Voltage
VIND
-0.3
VA+0.4
V
Ambient Operating Temperature (power applied)
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com