Electronic Components Datasheet Search
  English  ▼

X  

CDB4341 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CDB4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4341 Datasheet(HTML) 1 Page - Cirrus Logic

  CDB4341 Datasheet HTML 1Page - Cirrus Logic CDB4341 Datasheet HTML 2Page - Cirrus Logic CDB4341 Datasheet HTML 3Page - Cirrus Logic CDB4341 Datasheet HTML 4Page - Cirrus Logic CDB4341 Datasheet HTML 5Page - Cirrus Logic CDB4341 Datasheet HTML 6Page - Cirrus Logic CDB4341 Datasheet HTML 7Page - Cirrus Logic CDB4341 Datasheet HTML 8Page - Cirrus Logic CDB4341 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
24-Bit, 96 kHz Stereo DAC with Volume Control
Features
! 101 dB Dynamic Range
! -91 dB THD+N
! +3.0 V or +5.0 V Power Supply
! Low Clock-Jitter Sensitivity
! Filtered Line-Level Outputs
! On-Chip Digital De-Emphasis for 32, 44.1
and 48 kHz
! ATAPI Mixing
! Digital Volume Control with Soft Ramp
– 94 dB Attenuation
– 1 dB Step Size
– Zero Crossing Click-Free Transitions
! Popguard® Technology for Control of Clicks
and Pops
! 33 mW with 3.0 V Supply
Description
The CS4341 is a complete stereo digital-to-analog sys-
tem including digital interpolation, fourth-order Delta-
Sigma digital-to-analog conversion, digital de-emphasis
and switched capacitor analog filtering. The advantages
of this architecture include: ideal differential linearity, no
distortion mechanisms due to resistor matching errors,
no linearity drift over time and temperature and a high
tolerance to clock jitter.
The CS4341 accepts data at audio sample rates from
4 kHz to 100 kHz, consumes very little power, and oper-
ates over a wide power supply range. The features of
the CS4341 are ideal for DVD players, CD players, set-
top box and automotive systems.
ORDERING INFORMATION
CS4341-KS
16-pin SOIC, -10 to 70 °C
CS4341-CZZ, Lead Free
16-pin TSSOP, -10 to 70 °C
CDB4341
Evaluation Board
I
Volume Control
Interpolation Filter
∆Σ DAC
Analog Filter
Control Port
Volume Control
Interpolation Filter
Analog Filter
SCL/CCLK
MUTEC
AD0/CS
AOUTA
AOUTB
RST
LRCK
SDATA
MCLK
SDA/CDIN
∆Σ DAC
External
Mute Control
SCLK
Mixer
÷2
DECEMBER '05
DS298F5
CS4341


Similar Part No. - CDB4341

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB4341 CIRRUS-CDB4341 Datasheet
923Kb / 36P
24-Bit, 96 kHz Stereo DAC with Volume Control?
CDB4341A CIRRUS-CDB4341A Datasheet
716Kb / 32P
24-Bit, 192 kHz Stereo DAC with Volume Control?
CDB4341A CIRRUS-CDB4341A Datasheet
1Mb / 34P
24-Bit, 192 kHz Stereo DAC with Volume Control
More results

Similar Description - CDB4341

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4341 CIRRUS-CS4341 Datasheet
923Kb / 36P
24-Bit, 96 kHz Stereo DAC with Volume Control?
CS4341A CIRRUS-CS4341A Datasheet
716Kb / 32P
24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
24-Bit, 192 kHz Stereo DAC with Volume Control?
CS43L41 CIRRUS-CS43L41 Datasheet
622Kb / 36P
Low Power 24-Bit, 96 kHz DAC with Volume Control?
CS4391A CIRRUS-CS4391A Datasheet
748Kb / 40P
24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
logo
Cirrus Logic
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
24-Bit, 192 kHz Stereo DAC with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com