Electronic Components Datasheet Search
  English  ▼

X  

MP6543 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP6543
Description  12V, 2A, Three-Phase Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6543 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP6543 Datasheet HTML 5Page - Monolithic Power Systems MP6543 Datasheet HTML 6Page - Monolithic Power Systems MP6543 Datasheet HTML 7Page - Monolithic Power Systems MP6543 Datasheet HTML 8Page - Monolithic Power Systems MP6543 Datasheet HTML 9Page - Monolithic Power Systems MP6543 Datasheet HTML 10Page - Monolithic Power Systems MP6543 Datasheet HTML 11Page - Monolithic Power Systems MP6543 Datasheet HTML 12Page - Monolithic Power Systems MP6543 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MP6543 – 12V, 2A, THREE-PHASE POWER STAGE
MP6543 Rev. 1.01
www.MonolithicPower.com
9
1/15/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = VIN_LDO = 10V, A-phase switching with 20kHz frequency, B-phase LS on, C-phase disable,
VREF = 3.3V, current-sense resistor divider = 5kΩ, TA = 25°C, resistor + inductor load: 2Ω +
0.2mH/phase with star connection, unless otherwise noted.
Steady State
Duty = 10%
Steady State
Duty = 50%
CH1: PWM
5V/div.
CH2: SA
5V/div.
CH3: SOB
1V/div.
CH4: IOUTA
200mA/div.
CH1: PWM
5V/div.
CH2: SA
5V/div.
CH3: SOB
1V/div.
CH4: IOUTA
500mA/div.
20μs/div.
20μs/div.
Steady State
Duty = 90%
Power Ramp-Up
Duty = 10%
CH1: PWM
5V/div.
CH2: SA
5V/div.
CH3: SOB
1V/div.
CH4: IOUTA
1A/div.
CH1: VIN
5V/div.
CH2: SA
5V/div.
CH3: SOB
1V/div.
CH4: IOUTA
200mA/div.
20μs/div.
1ms/div.
Power Ramp-Up
Duty = 50%
Power Ramp-Up
Duty = 90%
CH1: VIN
5V/div.
CH2: SA
5V/div.
CH3: SOB
1V/div.
CH4: IOUTA
500mA/div.
CH1: VIN
5V/div.
CH2: SA
5V/div.
CH3: SOB
1V/div.
CH4: IOUTA
1A/div.
1ms/div.
1ms/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com