Electronic Components Datasheet Search
  English  ▼

X  

MP6543GL-P Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6543GL-P
Description  12V, 2A, Three-Phase Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6543GL-P Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6543GL-P Datasheet HTML 1Page - Monolithic Power Systems MP6543GL-P Datasheet HTML 2Page - Monolithic Power Systems MP6543GL-P Datasheet HTML 3Page - Monolithic Power Systems MP6543GL-P Datasheet HTML 4Page - Monolithic Power Systems MP6543GL-P Datasheet HTML 5Page - Monolithic Power Systems MP6543GL-P Datasheet HTML 6Page - Monolithic Power Systems MP6543GL-P Datasheet HTML 7Page - Monolithic Power Systems MP6543GL-P Datasheet HTML 8Page - Monolithic Power Systems MP6543GL-P Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MP6543 – 12V, 2A, THREE-PHASE POWER STAGE
MP6543 Rev. 1.01
www.MonolithicPower.com
2
1/15/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP6543GL*
QFN-24 (3mmx4mm)
See Below
MP6543AGL**
MP6543BGL***
* For Tape & Reel, add suffix –Z (e.g. MP6543GL–Z).
**For Tape & Reel, add suffix –Z (e.g. MP6543AGL–Z).
***For Tape & Reel, add suffix –Z (e.g. MP6543BGL–Z).
TOP MARKING (MP6543GL)
MP: MPS prefix
Y: Year code
W: Week code
6543: First four digits of the part number
LLL: Lot number
TOP MARKING (MP6543AGL)
MP: MPS prefix
Y: Year code
W: Week code
6543A: First five digits of the part number
LLL: Lot number
TOP MARKING (MP6543BGL)
MP: MPS prefix
Y: Year code
W: Week code
6543B: First five digits of the part number
LLL: Lot number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com