Electronic Components Datasheet Search
  English  ▼

X  

2109 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 2109
Description  Throttle valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

2109 Datasheet(HTML) 1 Page - Festo Corporation.

  2109 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Throttle valve
GRO-1/4
Part number: 2109
General operating condition
Data sheet
Feature
Value
Valve function
Flow control function
Pneumatic connection 1
G1/4
Pneumatic connection 2
G¼
Adjusting element
Knurled screw
Type of mounting
Line installation
Standard nominal flow rate in flow control direction
350 l/min
Operating pressure
0 bar ... 10 bar
Ambient temperature
-20 °C ... 60 °C
Housing material
Wrought aluminum alloy
Mounting position
Any
Symbol
00991454
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Temperature of medium
-20 °C ... 60 °C
Product weight
80 g
Note on materials
RoHS-compliant
Seals material
NBR
Material of adjusting screw
Steel
Galvanized
10/24/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 2109

ManufacturerPart #DatasheetDescription
logo
Heyco.
2109 HEYCO-2109 Datasheet
137Kb / 1P
Snub Bushings
logo
Belden Inc.
2109 BELDEN-2109 Datasheet
492Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
RAF ELECTRONIC HARDWARE
2109-440-AL RAF-2109-440-AL Datasheet
125Kb / 1P
1/4 HEX FEMALE STANDOFFS
2109-632-AL RAF-2109-632-AL Datasheet
115Kb / 1P
1/4 HEX FEMALE STANDOFFS
2109-632-N RAF-2109-632-N Datasheet
115Kb / 1P
1/4 HEX FEMALE STANDOFFS
More results

Similar Description - 2109

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
5.0 A Throttle Control H-Bridge
33931 FREESCALE-33931 Datasheet
1Mb / 21P
5.0 A Throttle Control H-bridge
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
5.0 A Throttle Control H-bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
5.0 A Throttle Control H-Bridge
logo
Mallory performance clu...
PN2905 MALLORY-PN2905 Datasheet
1Mb / 4P
Atomic EFI Throttle Body
PN2910 MALLORY-PN2910 Datasheet
8Mb / 28P
Throttle Body Kit
PN2940 MALLORY-PN2940 Datasheet
142Kb / 2P
Atomic LS Throttle Body
PN2945 MALLORY-PN2945 Datasheet
95Kb / 2P
Atomic LS Throttle Body
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com