Electronic Components Datasheet Search
  English  ▼

X  

9520 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 9520
Description  Flow control/muffler
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

9520 Datasheet(HTML) 1 Page - Festo Corporation.

  9520 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Flow control/muffler
GRU-3/4-B
Part number: 9520
General operating condition
Data sheet
Feature
Value
Valve function
Sound pressure flow control function
Selection of additional function
with muffler
Pneumatic connection 1
G3/4
Adjusting element
Slotted screw
Type of mounting
Screw-in
Standard flow rate 6->0 bar
0 l/min ... 8000 l/min
Ambient temperature
-10 °C ... 70 °C
Housing material
Aluminum
Mounting position
Any
Symbol
00991451
Operating pressure for entire temperature range
0 bar ... 10 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Temperature of medium
-10 °C ... 70 °C
Product weight
170 g
Cushioning insert material
PE
Material of screwed plug
Die-cast aluminum
Note on materials
RoHS-compliant
Material of adjusting screw
PA
10/24/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 9520

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9520 ETC2-9520 Datasheet
1Mb / 16P
Its a complete tool kit that fits in your palm.
logo
Keystone Electronics Co...
9520 KEYSTONE-9520 Datasheet
183Kb / 1P
8-32 FLAT HEAD SCREW
logo
Belden Inc.
9520 BELDEN-9520 Datasheet
201Kb / 2P
High Perform Instr, 9 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
logo
Keystone Electronics Co...
9520 KEYSTONE-9520 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Belden Inc.
9520-0601000 BELDEN-9520-0601000 Datasheet
201Kb / 2P
High Perform Instr, 9 Pr #22 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
More results

Similar Description - 9520

ManufacturerPart #DatasheetDescription
logo
3M Electronics
08329 3M-08329 Datasheet
46Kb / 4P
Control-Flow SeamSealer
Jul-2017
logo
Festo Corporation.
571280 FESTO-571280 Datasheet
97Kb / 1P
Pneumatic muffler
4646 FESTO-4646 Datasheet
105Kb / 1P
Pneumatic muffler
6842 FESTO-6842 Datasheet
84Kb / 1P
Pneumatic muffler
10494 FESTO-10494 Datasheet
67Kb / 1P
Filter muffler
3/10/22
8025709 FESTO-8025709 Datasheet
55Kb / 1P
Flow control
8/7/22
8025712 FESTO-8025712 Datasheet
56Kb / 1P
Flow control
8/7/22
8025713 FESTO-8025713 Datasheet
56Kb / 1P
Flow control
8/7/22
8025715 FESTO-8025715 Datasheet
55Kb / 1P
Flow control
8/7/22
8025716 FESTO-8025716 Datasheet
55Kb / 1P
Flow control
8/7/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com