Electronic Components Datasheet Search
  English  ▼

X  

CDB4365 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CDB4365
Description  114 dB, 192 kHz 6-Channel D/A Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4365 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CDB4365 Datasheet HTML 31Page - Cirrus Logic CDB4365 Datasheet HTML 32Page - Cirrus Logic CDB4365 Datasheet HTML 33Page - Cirrus Logic CDB4365 Datasheet HTML 34Page - Cirrus Logic CDB4365 Datasheet HTML 35Page - Cirrus Logic CDB4365 Datasheet HTML 36Page - Cirrus Logic CDB4365 Datasheet HTML 37Page - Cirrus Logic CDB4365 Datasheet HTML 38Page - Cirrus Logic CDB4365 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
DS670F1
35
CS4365
6.2.3
PCM/DSD Selection (DSD/PCM)
Default = 0
0 - PCM
1 - DSD
Function:
This function selects DSD or PCM Mode. The appropriate data and clocks should be present before
changing modes, or else MUTE should be selected.
6.2.4
DAC Pair Disable (DACx_DIS)
Default = 0
0 - Enabled
1 - Disabled
Function:
When enabled, the respective DAC channel pairx (AOUTAx and AOUTBx) will remain in a reset state. It
is advised that changes to these bits be made while the power-down bit is enabled to eliminate the pos-
sibility of audible artifacts.
6.2.5
Power Down (PDN)
Default = 1
0 - Disabled
1 - Enabled
Function:
The entire device will enter a low-power state when this function is enabled, and the contents of the control
registers are retained in this mode. The power-down bit defaults to ‘enabled’ on power-up and must be
disabled before normal operation in Control Port Mode can occur.
6.3
PCM Control (address 03h)
6.3.1
Digital Interface Format (DIF)
Default = 0000 - Format 0 (Left-Justified, up to 24-bit data)
Function:
These bits select the interface format for the serial audio input. The DSD/PCM bit determines whether
PCM or DSD Mode is selected.
The required relationship between the Left/Right clock, serial clock and serial data is defined by the Digital
Interface Format and the options are detailed in Figures 8 through through 17.
7
6
5
432
10
DIF3
DIF2
DIF1
DIF0
Reserved
Reserved
FM1
FM0
00
00
00
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com