Electronic Components Datasheet Search
  English  ▼

X  

CS4365 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4365
Description  114 dB, 192 kHz 6-Channel D/A Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4365 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4365 Datasheet HTML 7Page - Cirrus Logic CS4365 Datasheet HTML 8Page - Cirrus Logic CS4365 Datasheet HTML 9Page - Cirrus Logic CS4365 Datasheet HTML 10Page - Cirrus Logic CS4365 Datasheet HTML 11Page - Cirrus Logic CS4365 Datasheet HTML 12Page - Cirrus Logic CS4365 Datasheet HTML 13Page - Cirrus Logic CS4365 Datasheet HTML 14Page - Cirrus Logic CS4365 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
DS670F1
11
CS4365
POWER AND THERMAL CHARACTERISTICS
Notes:
4.
Current consumption increases with increasing Fs within a given speed mode and is signal dependant.
Max values are based on highest Fs and highest MCLK.
5.
ILC measured with no external loading on the SDA pin.
6.
Power-Down Mode is defined as RST pin = Low with all clock and data lines held static.
7.
Valid with the recommended capacitor values on FILT+ and VQ as shown in 6 and 7.
Parameters
Symbol
Min
Typ
Max
Units
Power Supplies
Power Supply Current
normal operation, VA= 5 V
(Note 4)
VD= 2.5 V
(Note 5) Interface current, VLC=5 V
VLS=5 V
(Note 6) power-down state (all supplies)
IA
ID
ILC
ILS
Ipd
-
-
-
-
-
60
16
2
84
200
65
22
-
-
-
mA
mA
μA
μA
μA
Power Dissipation (Note 4)
VA = 5V, VD = 2.5V
normal operation
(Note 6) power-down
-
-
340
1
390
-
mW
mW
Package Thermal Resistance
θJA
θJC
-
-
48
15
-
-
°C/Watt
°C/Watt
Power Supply Rejection Ratio (Note 7)
(1 kHz)
(60 Hz)
PSRR
-
-
60
40
-
-
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com