Electronic Components Datasheet Search
  English  ▼

X  

S2042 Datasheet(PDF) 13 Page - Applied Micro Circuits Corporation

Part # S2042
Description  HIGH PERFORMANCE SERIAL INTERFACE CIRCUITS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S2042 Datasheet(HTML) 13 Page - Applied Micro Circuits Corporation

Back Button S2042 Datasheet HTML 9Page - Applied Micro Circuits Corporation S2042 Datasheet HTML 10Page - Applied Micro Circuits Corporation S2042 Datasheet HTML 11Page - Applied Micro Circuits Corporation S2042 Datasheet HTML 12Page - Applied Micro Circuits Corporation S2042 Datasheet HTML 13Page - Applied Micro Circuits Corporation S2042 Datasheet HTML 14Page - Applied Micro Circuits Corporation S2042 Datasheet HTML 15Page - Applied Micro Circuits Corporation S2042 Datasheet HTML 16Page - Applied Micro Circuits Corporation S2042 Datasheet HTML 17Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Applied Micro Circuits Corporation
6195 Lusk Blvd., San Diego, CA 92121 • (619) 450-9333
13
HIGH PERFORMANCE SERIAL INTERFACE CIRCUITS
S2042/S2043
Parameters
Description
Min
Typ
Units
Conditions
VOH
Output HIGH Voltage (TTL)
– 3.3V Power Supply
– 3.3V Power Supply
– 5V Power Supply
2.1
2.2
2.7
2.0
0
—
-500
Max
—
—
—
—
V
V
V
VCC = min, IOH = -2.4mA
VCC = min, IOH = -.1mA
VCC = min, IOH = -1mA
ICC
Supply Current
123
160
mA
Outputs open, VCC = VCC max
PD
Power Dissipation
.406
.554
W
Outputs open, VCC = VCC max
VOL
Output LOW Voltage (TTL)
– 3.3V Power Supply
– 5V Power Supply
.5
.5
V
V
VCC = min, IOL = 2.4mA
VCC = min, IOL = 4mA
VIH
VIL
IIH
IIL
Input HIGH Voltage (TTL)
Input LOW Voltage (TTL)
Input HIGH Current (TTL)
Input LOW Current (TTL)
5.5
0.8
50
-50
V
V
µA
µA
IH ≤ 1mA at VIH = 5.5V
—
VIN = 2.4V
VIN = 0.5V
440
600
—
—
∆V
INCLK
∆V
OUT
Single-ended REFCLK input swing
Serial Output Voltage Swing
1300
1600
mV
mV
AC coupled
50
Ω to V
CC -2.0V
S2042 DC Characteristics
Parameters
Description
Min
Typ
Units
Conditions
VOH
Output HIGH Voltage (TTL)
– 3.3V Power Supply
– 3.3V Power Supply
– 5V Power Supply
2.1
2.2
2.7
2.0
0
—
-500
Max
—
—
—
—
V
V
V
VCC = min, IOH = -2.4mA
VCC = min, IOH = -.1mA
VCC = min, IOH = -1mA
ICC
Supply Current
– 10-Bit Mode
– 20-Bit Mode
187
194
256
267
mA
mA
Outputs open, VCC = VCC max
Outputs open, VCC = VCC max
PD
Power Dissipation
– 3.3V Supply, 10-Bit Mode
– 3.3V Supply, 20-Bit Mode
– 5V Supply, 10-Bit Mode
– 5V Supply, 20-Bit Mode
.617
.640
.728
.778
.887
.925
1.08
1.142
W
W
W
W
Outputs open, VCC = VCC max
Outputs open, VCC = VCC max
Outputs open, VCC = VCC max
Outputs open, VCC = VCC max
VOL
Output LOW Voltage (TTL)
– 3.3V Power Supply
– 5V Power Supply
.5
.5
V
V
VCC = min, IOL = 2.4mA
VCC = min, IOL = 8mA
VIH
VIL
IIH
IIL
Input HIGH Voltage (TTL)
Input LOW Voltage (TTL)
Input HIGH Current (TTL)
Input LOW Current (TTL)
5.5
0.8
50
-50
V
V
µA
µA
IH ≤ 1mA at VIH = 5.5V
—
VIN = 2.4V
VIN = 0.5V
440
100
1300
—
∆V
INCLK
VDIFF
Single-ended REFCLK input swing
1300
mV
mV
AC coupled
Min. differential input voltage
swing for differential PECL
inputs
S2043 DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com