Electronic Components Datasheet Search
  English  ▼

X  

BA-24 Datasheet(PDF) 1 Page - Vestal Electronic Devices, LLC

Part # BA-24
Description  Bare Axial Jumper Wire
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VESTAL [Vestal Electronic Devices, LLC]
Direct Link  http://vestalelectronics.com
Logo VESTAL - Vestal Electronic Devices, LLC

BA-24 Datasheet(HTML) 1 Page - Vestal Electronic Devices, LLC

  BA-24 Datasheet HTML 1Page - Vestal Electronic Devices, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WIRE
TAPE
BETWEEN
QTY
DIAMETER
WIDTH
TAPE
PER
(WD)
(T)
(BT)
10" REEL
BA-18
18
.040"
.250"
2.062"
SOLID COPPER
TIN
8,000
8.75 lbs
BA-20
20
.030"
.250"
2.062"
SOLID COPPER
TIN
8,000
5.80 lbs
BA-22
22
.025"
.250"
2.062"
SOLID COPPER
TIN
10,000
4.70 lbs
BA-24
24
.020"
.250"
2.062"
SOLID COPPER
TIN
10,000
3.25 lbs
BA-26
26
.015"
.250"
2.062"
SOLID COPPER
TIN
10,000
2.30 lbs
BA-22-SEQ
22
.025"
.250"
1.700"
SOLID COPPER
TIN
10,000
4.05 lbs
BT
NOTES :
WD
1. All products are RoHS compliant
2. All taping dimensions and tolerances
conform to EIA-296F unless otherwise noted
3. All wire meets ASTM-B33 for solderability
P
T
WEIGHT
PER REEL
.200"
PLATING
VESTAL
.200"
.200"
.200"
.200"
.200"
VESTAL
PART NUMBER
AWG
PITCH
(P)
MATERIAL
Approval: WHK
Vestal Electronic Devices, LLC
635 Dickson Street
Endicott, NY 13760
Phone: 607-773-8461 ~ Fax: 607-772-8184
Email: vedsales@vestalelectronics.com
Title: Bare Axial Jumper Wire
Drawing No. : VED002
Rev: C
Revision Date: 01.02.06


Similar Part No. - BA-24

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BA-2405D BOTHHAND-BA-2405D Datasheet
318Kb / 4P
0.5 to 1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
BA-2405D01 BOTHHAND-BA-2405D01 Datasheet
318Kb / 4P
0.5 to 1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
BA-2405D1 BOTHHAND-BA-2405D1 Datasheet
318Kb / 4P
0.5 to 1 Watt Isolated DC-DC Converter Single / Dual / Dual Separate Output
BA-2405D1HLF BOTHHAND-BA-2405D1HLF Datasheet
437Kb / 7P
0.5 To 1 Watt Isolated DC-DC Converter
BA-2405D1HLF BOTHHAND-BA-2405D1HLF Datasheet
437Kb / 7P
0.5 To 1 Watt Isolated DC-DC Converter
More results

Similar Description - BA-24

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DR08 DIOTEC-DR08 Datasheet
54Kb / 1P
Wire jumper
logo
Vestal Electronic Devic...
BR200-20S VESTAL-BR200-20S Datasheet
22Kb / 1P
Bare Radial Jumper Wire
IA-22-200 VESTAL-IA-22-200 Datasheet
21Kb / 1P
Insulated Axial Jumper Wire
IR100-22-200 VESTAL-IR100-22-200 Datasheet
22Kb / 1P
Bare Radial Jumper Wire
IR200-22-FI VESTAL-IR200-22-FI Datasheet
22Kb / 1P
Bare Radial Jumper Wire
BROS100-22-LSO VESTAL-BROS100-22-LSO Datasheet
138Kb / 1P
Bare Radial Jumper Wire With OS Crimp
BS14-500X200 VESTAL-BS14-500X200 Datasheet
20Kb / 1P
Bare Staple Jumper Wire
logo
KOA Speer Electronics, ...
JL5CT26A KOA-JL5CT26A Datasheet
71Kb / 1P
jumper wire
JL8CT52A KOA-JL8CT52A Datasheet
188Kb / 1P
jumper wire
logo
Vestal Electronic Devic...
BR100-20-L VESTAL-BR100-20-L Datasheet
138Kb / 1P
Bare Radial Jumper Wire
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com