Electronic Components Datasheet Search
  English  ▼

X  

CS5330A Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5330A
Description  8-Pin, Stereo A/D Converter for Digital Audio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5330A Datasheet(HTML) 3 Page - Cirrus Logic

  CS5330A Datasheet HTML 1Page - Cirrus Logic CS5330A Datasheet HTML 2Page - Cirrus Logic CS5330A Datasheet HTML 3Page - Cirrus Logic CS5330A Datasheet HTML 4Page - Cirrus Logic CS5330A Datasheet HTML 5Page - Cirrus Logic CS5330A Datasheet HTML 6Page - Cirrus Logic CS5330A Datasheet HTML 7Page - Cirrus Logic CS5330A Datasheet HTML 8Page - Cirrus Logic CS5330A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DS138F5
3
CS5330A/31A
1. PIN DESCRIPTIONS
Pin Name
#
Pin Description
SDATA
1
Audio Serial Data Output (Output) - Two’s complement MSB-first serial data is output on this
pin. A 47 k
Ω resistor on this pin will place the CS5330A/31A into Master Mode.
SCLK
2
Serial Data Clock (Input/Output) - SCLK is an input clock at any frequency from 32x to 64x the
output word rate. SCLK can also be an output clock at 64x if in the Master Mode. Data is
clocked out on the falling edge of SCLK.
LRCK
3
Left/Right Clock (Input/Output) - LRCK selects the left or right channel for output on SDATA.
The LRCK frequency must be at the output sample rate. LRCK is an output clock if in Master
Mode. Although the outputs of each channel are transmitted at different times, the two words in
an LRCK cycle represent simultaneously sampled analog inputs.
MCLK
4
Master Clock Input (Input) - Source for the delta-sigma modulator sampling and digital filter
clock. Sample rates and digital filter characteristics scale to the MCLK frequency.
AINR
5
Analog Right Channel Input (Input) - Analog input for the right channel. Typically 4 Vpp for a
full-scale input signal.
AGND
6
Analog Ground (Input) - Analog ground reference.
VA+
7
Positive Analog Power (Input) - Positive analog supply (Nominally +5 V).
AINL
8
Analog Left Channel Input (Input) - Analog input for the left channel. Typically 4 Vpp for a full-
scale input signal.
7
2
6
3
5
4
8
1
SERIAL DATA OUTPUT
SERIAL DATA CLOCK
LEFT/RIGHT CLOCK
MASTER CLOCK
LEFT ANALOG INPUT
ANALOG POWER
ANALOG GROUND
RIGHT ANALOG INPUT
SDATA
SCLK
LRCK
MCLK
AINL
VA+
AGND
AINR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com