Electronic Components Datasheet Search
  English  ▼

X  

187331 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 187331
Description  Proportional pressure control valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

187331 Datasheet(HTML) 1 Page - Festo Corporation.

  187331 Datasheet HTML 1Page - Festo Corporation. 187331 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Proportional pressure control valve
MPPES-3-1/2-6-420
Part number: 187331
General operating condition
Data sheet
Feature
Value
Nominal width pressurization
11 mm
Exhaust nominal width
12 mm
Actuation type
Electrical
Sealing principle
Soft
Mounting position
Any
Structural design
Pilot-controlled piston control valve
Short-circuit protection
For all electrical connections
Safety instructions
MPPES safety position: if the power supply cable breaks, the outlet
pressure will drop to 0 bar.
Symbol
00995304
Reverse polarity protection
for all electrical connections
Valve function
3-way proportional pressure control valve closed
Operating pressure
≤0.8 MPa
Operating pressure
≤8 bar
Pressure regulation range MPa
0 MPa ... 0.6 MPa
Pressure regulation range
0 bar ... 6 bar
Inlet pressure 1
7 bar ... 8 bar
Inlet pressure 1 MPa
0.7 MPa ... 0.8 MPa
Max. pressure hysteresis
0.005 MPa
Max. pressure hysteresis
0.05 bar
Switching time off
660 ms
On switching time
230 ms
DC operating voltage range
18 V ... 30 V
Nominal operating voltage DC
24 V
Residual ripple
10 %
Setpoint/actual values
Current type 4–20 mA
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Certification
RCM compliance mark
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
10/27/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 187331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1873317 PHOENIX-1873317 Datasheet
824Kb / 16P
PCB connector - FKC 2,5/13-STF-5,08
Jan 5, 2023
More results

Similar Description - 187331

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VEAA-L-3-D11-Q4-A4-1R1 FESTO-VEAA-L-3-D11-Q4-A4-1R1 Datasheet
89Kb / 2P
Proportional pressure control valve
VEAB-B-26-D15-F-A4-1R1 FESTO-VEAB-B-26-D15-F-A4-1R1 Datasheet
87Kb / 2P
Proportional pressure control valve
VEAB-L-26-D9-Q4-V1-1R1 FESTO-VEAB-L-26-D9-Q4-V1-1R1 Datasheet
91Kb / 2P
Proportional pressure control valve
VEAB-L-26-D14-Q4-V1-1R1 FESTO-VEAB-L-26-D14-Q4-V1-1R1 Datasheet
90Kb / 2P
Proportional pressure control valve
VEAB-L-26-D15-Q4-V1-1R1 FESTO-VEAB-L-26-D15-Q4-V1-1R1 Datasheet
91Kb / 2P
Proportional pressure control valve
539639 FESTO-539639 Datasheet
88Kb / 2P
Proportional pressure control valve
1/21/22
557772 FESTO-557772 Datasheet
88Kb / 2P
Proportional pressure control valve
1/21/22
557773 FESTO-557773 Datasheet
87Kb / 2P
Proportional pressure control valve
1/21/22
557777 FESTO-557777 Datasheet
91Kb / 2P
Proportional pressure control valve
1/21/22
570967 FESTO-570967 Datasheet
85Kb / 2P
Proportional pressure control valve
1/27/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com