Electronic Components Datasheet Search
  English  ▼

X  

CDB5340 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CDB5340
Description  101 dB, 192kHz, MULTI-BIT AUDIO A/D CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5340 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CDB5340 Datasheet HTML 9Page - Cirrus Logic CDB5340 Datasheet HTML 10Page - Cirrus Logic CDB5340 Datasheet HTML 11Page - Cirrus Logic CDB5340 Datasheet HTML 12Page - Cirrus Logic CDB5340 Datasheet HTML 13Page - Cirrus Logic CDB5340 Datasheet HTML 14Page - Cirrus Logic CDB5340 Datasheet HTML 15Page - Cirrus Logic CDB5340 Datasheet HTML 16Page - Cirrus Logic CDB5340 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DS601F1
13
CS5340
2. PIN DESCRIPTION
Pin Name
#
Pin Description
M0
M1
1
16
Mode Selection
(Input) - Determines the operational mode of the device.
MCLK
2
Master Clock
(Input) - Clock source for the delta-sigma modulator and digital filters.
VL
3
Logic Power
(Input) - Positive power for the digital input/output.
SDOUT
4
Serial Audio Data Output
(Output) - Output for two’s complement serial audio data.
GND
5,14
Ground
(Input) - Ground reference. Must be connected to analog ground.
VD
6
Digital Power
(Input) - Positive power supply for the digital section.
SCLK
7
Serial Clock
(Input/Output) - Serial clock for the serial audio interface.
LRCK
8
Left Right Clock
(Input/Output) - Determines which channel, Left or Right, is currently
active on the serial audio data line.
RST
9
Reset
(Input) - The device enters a low power mode when low.
AINL
AINR
10
12
Analog Input
(Input) - The full-scale analog input level is specified in the Analog Charac-
teristics specification table.
VQ
11
Quiescent Voltage (Output) -
Filter connection for the internal quiescent
reference voltage.
VA
13
Analog Power
(Input) - Positive power supply for the analog section.
FILT+
15
Positive Voltage Reference
(Output) - Positive reference voltage for the internal
sampling circuits.
M0
M1
MCLK
FILT+
VL
REF_GND
SDOUT
VA
GND
AINR
VD
VQ
SCLK
AINL
LRCK
RST
1
2
3
4
5
6
7
8
5
1
2
6
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
5
1
2
6
16
15
14
13
12
11
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com