Electronic Components Datasheet Search
  English  ▼

X  

CS5351 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS5351
Description  108 dB, 192 kHz, Multi-bit Audio A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5351 Datasheet(HTML) 2 Page - Cirrus Logic

  CS5351_07 Datasheet HTML 1Page - Cirrus Logic CS5351_07 Datasheet HTML 2Page - Cirrus Logic CS5351_07 Datasheet HTML 3Page - Cirrus Logic CS5351_07 Datasheet HTML 4Page - Cirrus Logic CS5351_07 Datasheet HTML 5Page - Cirrus Logic CS5351_07 Datasheet HTML 6Page - Cirrus Logic CS5351_07 Datasheet HTML 7Page - Cirrus Logic CS5351_07 Datasheet HTML 8Page - Cirrus Logic CS5351_07 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
DS565F2
CS5351
TABLE OF CONTENTS
1. CHARACTERISTICS AND SPECIFICATIONS ...................................................................................... 4
SPECIFIED OPERATING CONDITIONS .............................................................................................. 4
ABSOLUTE MAXIMUM RATINGS ........................................................................................................ 4
ANALOG CHARACTERISTICS (CS5351-KSZ/KZZ) ............................................................................. 5
ANALOG CHARACTERISTICS (CS5351-DZZ) .................................................................................... 6
DIGITAL FILTER CHARACTERISTICS .................................................................................................7
DC ELECTRICAL CHARACTERISTICS .............................................................................................. 10
DIGITAL CHARACTERISTICS ............................................................................................................ 10
THERMAL CHARACTERISTICS ......................................................................................................... 10
SWITCHING CHARACTERISTICS - SERIAL AUDIO PORT .............................................................. 11
2. PIN DESCRIPTIONS ............................................................................................................................ 14
3. TYPICAL CONNECTION DIAGRAM ................................................................................................... 15
4. APPLICATIONS ................................................................................................................................... 16
4.1 Operational Mode/Sample Rate Range Select .............................................................................. 16
4.2 System Clocking ............................................................................................................................ 16
4.2.1 Slave Mode ........................................................................................................................... 16
4.2.2 Master Mode ......................................................................................................................... 17
4.3 Power-Up Sequence ...................................................................................................................... 17
4.4 Analog Connections ....................................................................................................................... 18
4.5 High-Pass Filter and DC Offset Calibration ................................................................................... 18
4.6 Overflow Detection ......................................................................................................................... 19
4.6.1 OVFL Output Timing ............................................................................................................. 19
4.7 Grounding and Power Supply Decoupling ..................................................................................... 19
4.8 Synchronization of Multiple Devices .............................................................................................. 19
5. PARAMETER DEFINITIONS ................................................................................................................ 20
6. PACKAGE DIMENSIONS
................................................................................................................. 21
7. REVISION HISTORY ............................................................................................................................ 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com