Electronic Components Datasheet Search
  English  ▼

X  

CS5343 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5343
Description  98 dB, 96 kHz, Multi-Bit Audio A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5343 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5343 Datasheet HTML 11Page - Cirrus Logic CS5343 Datasheet HTML 12Page - Cirrus Logic CS5343 Datasheet HTML 13Page - Cirrus Logic CS5343 Datasheet HTML 14Page - Cirrus Logic CS5343 Datasheet HTML 15Page - Cirrus Logic CS5343 Datasheet HTML 16Page - Cirrus Logic CS5343 Datasheet HTML 17Page - Cirrus Logic CS5343 Datasheet HTML 18Page - Cirrus Logic CS5343 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
DS687F1
15
CS5343/4
4.2
Serial Audio Interface
The CS5343 output is serial data in I²S audio format and the CS5344 output is serial data in Left-Justified
audio format. Figures 4 and 5 show the I²S and Left-Justified data relative to SCLK and LRCK. Additionally,
Figures 1 and 2 display more information on the required timing for the serial audio interface format. For an
overview of serial audio interface formats, please refer to Cirrus Application Note AN282.
4.3
Digital Interface
VA supplies power to both the analog and digital sections of the ADC, and also powers the serial port. Con-
sequently, the digital interface logic level must equal VA to within the limits specified under “Digital Charac-
teristics” on page 9.
4.4
Analog Connections
The analog modulator samples the input signal at half of the internal master clock rate, or 6.144 MHz when
MCLK = 12.288 MHz. The digital filter will reject signals within the stopband of the filter. However, there is
no rejection for input signals which are multiples of the input sampling frequency (n
× 6.144 MHz), where
n=0,1,2,... Refer to Figure 6 which shows the recommended topology of the analog input network. The ex-
ternal shunt capacitor and internal input impedance form a single-pole RC filter to provide the appropriate
filtering of noise at the modulator sampling frequency. Additionally, the 180 pF capacitor acts as a charge
source for the internal sampling circuits. Capacitors of NPO or other high-quality dielectric will produce the
best results while capacitors with a large voltage coefficient (such as general-purpose ceramics) can de-
grade signal linearity.
Figure 4. CS5343 I²S Serial Audio Interface
SDATA
23 22
8
7
23 22
SCLK
LRCK
23 22
65
43
21
0
87
65
43
21
0
9
9
Left Channel
Right Channel
Figure 5. CS5344 Left-Justified Serial Audio Interface
SDATA
23 22
7
6
23 22
SCLK
LRCK
23 22
54
32
10
8
76
54
32
10
8
9
9
Left Channel
Right Channel
Figure 6. CS5343/4 Analog Input Network
CS5343/4
AIN
Input
R1
R2
1 µF
180pF
C0G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com