Electronic Components Datasheet Search
  English  ▼

X  

HCMS-2915 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-2915
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-2915 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCMS-2915 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCMS-2915 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCMS-2915 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCMS-2915 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCMS-2915 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCMS-2915 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCMS-2915 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCMS-2915 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCMS-2915 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
HCMS-291x
HCMS-290x
NOTES:
1. DIMENSIONS ARE IN mm (INCHES).
2. UNLESS OTHERWISE SPECIFIED, TOLERANCE ON DIMENSIONS IS ± 0.38 mm (0.015 INCH).
3. LEAD MATERIAL: SOLDER PLATED COPPER ALLOY.
XZ
COO
2.11 (0.083) TYP.
0.25
(0.010)
7.62
(0.300)
PIN # 1 IDENTIFIER
4
3
2
1
17.78 (0.700) MAX.
3.71 (0.146) TYP.
4.45 (0.175) TYP.
2.22 (0.087) SYM.
10.16 (0.400) MAX.
PIN # 1
LIGHT INTENSITY CATEGORY
DATE CODE
COLOR BIN
COUNTRY OF ORIGIN
PART NUMBER
5.08
(0.200)
2.54
(0.100)
SYM.
TYP.
0.51 ± 0.13
(0.020 ± 0.005)
2.54 ± 0.13
(0.100 ± 0.005)
(NON ACCUM.)
TYP.
4.32
(0.170)
TYP.
1.27
(0.050)
SYM.
1
12
0.51 (0.020)
DATA OUT
OSC
V LED
DATA IN
RS
CLK
CE
BLANK
GND
SEL
V LOGIC
RESET
PIN FUNCTION
ASSIGNMENT TABLE
1
2
3
4
5
6
7
8
9
10
11
12
PIN #
FUNCTION
HCMS-290X
YYWW
NOTES:
1. DIMENSIONS ARE IN mm (INCHES).
2. UNLESS OTHERWISE SPECIFIED, TOLERANCE ON DIMENSIONS IS ± 0.38 mm (0.015 INCH).
3. LEAD MATERIAL: SOLDER PLATED COPPER ALLOY.
2.54 ± 0.13
(0.100 ± 0.005)
(NON ACCUM.)
TYP.
35.56 (1.400) MAX.
7
6
5
4
3
2
1
0
0.25
(0.010)
7.62
(0.300)
PIN # 1 IDENTIFIER
XZ
COO
INTENSITY CATEGORY
DATE CODE (YEAR, WEEK)
COLOR BIN
COUNTRY OF ORIGIN
PART NUMBER
5.08 (0.200)
2.54
(0.100)
SYM.
0.51
(0.020)
TYP.
0.51 ± 0.13
(0.020 ± 0.005)
2.22 (0.087) SYM.
10.16 (0.400) MAX.
2.11 (0.083) TYP.
4.32
(0.170)TYP.
1.27
(0.050)
SYM.
4.45
(0.175)
TYP.
3.71
(0.146)
TYP.
NO PIN
NO PIN
V LED
NO PIN
NO PIN
NO PIN
GND LED
NO PIN
NO PIN
V LED
NO PIN
NO PIN
NO PIN
DATA IN
RS
NO PIN
CLOCK
CE
BLANK
GND LOGIC
SEL
V LOGIC
NO PIN
RESET
OSC
DATA OUT
PIN FUNCTION
ASSIGNMENT TABLE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
PIN # FUNCTION
3
26
HCMS-291X
YYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com