Electronic Components Datasheet Search
  English  ▼

X  

ICS557-06 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS557-06
Description  1 TO 4 HCSL CLOCK BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS557-06 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS557-06 Datasheet HTML 3Page - Integrated Device Technology ICS557-06 Datasheet HTML 4Page - Integrated Device Technology ICS557-06 Datasheet HTML 5Page - Integrated Device Technology ICS557-06 Datasheet HTML 6Page - Integrated Device Technology ICS557-06 Datasheet HTML 7Page - Integrated Device Technology ICS557-06 Datasheet HTML 8Page - Integrated Device Technology ICS557-06 Datasheet HTML 9Page - Integrated Device Technology ICS557-06 Datasheet HTML 10Page - Integrated Device Technology ICS557-06 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ICS557-06
1 TO 4 HCSL CLOCK BUFFER
PCIE FAN OUT BUFFER
IDT™ / ICS™ 1 TO 4 HCSL CLOCK BUFFER
9
ICS557-06
REV F 090407
Thermal Characteristics
Marking Diagrams
(ICS557G-06)
(ICS557G-06LF)
(ICS557GI-06LF)
Notes:
1. ###### is the lot code.
2. YYWW is the last two digits of the year, and the week number that the part was assembled.
3. “LF” denotes Pb free package.
4. Bottom marking: (origin). Origin = country of origin if not USA.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
93
° C/W
θJA
1 m/s air flow
78
° C/W
θJA
3 m/s air flow
65
° C/W
Thermal Resistance Junction to Case
θJC
20
° C/W
10
20
11
######
YYWW
557G-06
ICS
1
10
20
11
######
YYWW
557G06LF
ICS
1
10
20
11
######
YYWW
557GI06LF
ICS
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com