Electronic Components Datasheet Search
  English  ▼

X  

HDSP-AX13 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-AX13
Description  Black Surface Seven Segment Displays
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-AX13 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-AX13 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-AX13 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-AX13 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-AX13 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-AX13 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-AX13 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-AX13 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-AX13 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-AX13 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Package Dimensions (7.6 mm Series)
Internal Circuit Diagram
Package Dimensions (10 mm Series: Single)
Internal Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com