Electronic Components Datasheet Search
  English  ▼

X  

UMA1015AM Datasheet(PDF) 13 Page - NXP Semiconductors

Part # UMA1015AM
Description  Low-power dual frequency synthesizer for radio communications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1015AM Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button UMA1015AM Datasheet HTML 9Page - NXP Semiconductors UMA1015AM Datasheet HTML 10Page - NXP Semiconductors UMA1015AM Datasheet HTML 11Page - NXP Semiconductors UMA1015AM Datasheet HTML 12Page - NXP Semiconductors UMA1015AM Datasheet HTML 13Page - NXP Semiconductors UMA1015AM Datasheet HTML 14Page - NXP Semiconductors UMA1015AM Datasheet HTML 15Page - NXP Semiconductors UMA1015AM Datasheet HTML 16Page - NXP Semiconductors UMA1015AM Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1997 Sep 03
13
Philips Semiconductors
Product specification
Low-power dual frequency synthesizer
for radio communications
UMA1015AM
Fig.8 Typical crystal input sensitivity as a function of input frequency with VDD = 5.5 V.
handbook, full pagewidth
10
0
−30
−40
05
35
30
25
20
−20
−10
15
10
MGK780
(1)
(2)
fXTALIN (MHz)
VXTALIN
(dBm)
guaranteed area
+7
−7
(3)
fXTALIN externally terminated by 50 Ω load; AC-coupled.
(1) Tamb = −35 °C.
(2) Tamb = +25 °C.
(3) Tamb = +90 °C.
Fig.9 Typical RF input sensitivity as a function of input frequency with Tamb =25 °C.
handbook, full pagewidth
10
−30
0
600
800
0
−10
−20
900
700
MGK781
100
200
300
400
500
1000
1100
1200
(1)
(2)
fRF (MHz)
VRF
(dBm)
+1
−13
guaranteed area
+5
−3.5
RF input externally terminated by 50
Ω load; AC-coupled.
(1) VDD = 5.5 V.
(2) VDD = 2.7 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com