Electronic Components Datasheet Search
  English  ▼

X  

2SA2196 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SA2196
Description  PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2196 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SA2196 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2196 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2196 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2196 Datasheet HTML 4Page - Sanyo Semicon Device 2SA2196 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA2196 / 2SC6101
No. A0462-3/5
hFE -- IC
hFE -- IC
f T -- IC
f T -- IC
Cob -- VCB
Cob -- VCB
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
Ta=75°C
25
°C
--25
°C
1000
100
7
7
5
3
2
5
--0.01
3
25
--10
--0.1
73
25
7
3
25 7
--1.0
2SA2196
VCE= --2V
1000
100
7
7
5
3
2
5
0.01
3
25
10
0.1
73
25
7
3
25 7
1.0
IT11285
IT11292
Ta=75
°C
25
°C
--25
°C
2SC6101
VCE=2V
1000
100
7
5
3
7
5
3
2
--0.01
25
7
3
--0.1
25
7
32
3
--1.0
1000
100
7
5
3
7
5
3
2
0.01
25
7
3
0.1
25
7
32
3
1.0
IT11287
2SA2196
VCE= --2V
IT11294
2SC6101
VCE=2V
2
7
5
3
100
10
IT11293
2
7
5
3
100
10
37
--0.1
25
2
--1.0
37
52
3
7
5
--10
37
0.1
25
2
1.0
37
52
3
7
5
10
IT11286
2SA2196
f=1MHz
2SC6101
f=1MHz
IC -- VBE
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
0
0
IT11291
2SA2196
VCE= --2V
5.0
4.0
3.0
2.0
1.0
4.5
3.5
2.5
1.5
0.5
0.2
0.4
0.6
0.8
1.2
1.0
0
0
--5.0
--4.0
--3.0
--2.0
--1.0
--4.5
--3.5
--2.5
--1.5
--0.5
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
IT11284
2SC6101
VCE=2V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com