Electronic Components Datasheet Search
  English  ▼

X  

2SC6101 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC6101
Description  PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6101 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC6101 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6101 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6101 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6101 Datasheet HTML 4Page - Sanyo Semicon Device 2SC6101 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SA2196 / 2SC6101
No. A0462-1/5
Applications
•
Relay drivers, lamp drivers, motor drivers, flash.
Features
•
Adoption of MBIT process.
•
Large current capacitance.
•
Low collector-to-emitter saturation voltage.
•
High-speed switching.
•
High allowable power dissipation.
Specifications ( ) : 2SA2196
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--30)40
V
Collector-to-Emitter Voltage
VCEO
(--)30
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)5
A
Collector Current (Pulse)
ICP
(--)7
A
Base Current
IB
(--)600
mA
Collector Dissipation
PC
1W
Tc=25
°C8
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=(--)30V, IE=0A
(--)0.1
µA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)0.1
µA
DC Current Gain
hFE
VCE=(--)2V, IC=(--)500mA
200
560
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)500mA
(380)450
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(25)20
pF
Continued on next page.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA0462
O0406EA MS IM TC-00000206
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
SANYO Semiconductors
DATA SHEET
2SA2196 / 2SC6101 PNP / NPN Epitaxial Planar SiliconTransistors
DC / DC Converter Applications


Similar Part No. - 2SC6101

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6100 TOSHIBA-2SC6100 Datasheet
172Kb / 5P
High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
logo
Sanyo Semicon Device
2SC6102 SANYO-2SC6102 Datasheet
49Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
logo
ON Semiconductor
2SC6102 ONSEMI-2SC6102 Datasheet
107Kb / 5P
DC / DC Converter Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
2SC6106 SANYO-2SC6106 Datasheet
49Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
logo
Inchange Semiconductor ...
2SC6106 ISC-2SC6106 Datasheet
295Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC6101

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3221 SANYO-CPH3221 Datasheet
49Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
2SA2125 SANYO-2SA2125 Datasheet
43Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
2SA2197 SANYO-2SA2197 Datasheet
49Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
CPH6531 SANYO-CPH6531 Datasheet
53Kb / 4P
PNP Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH3144 SANYO-CPH3144 Datasheet
44Kb / 4P
PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
CPH3145 SANYO-CPH3145 Datasheet
47Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
MCH3143 SANYO-MCH3143 Datasheet
44Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
MCH3144 SANYO-MCH3144 Datasheet
44Kb / 4P
PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
MCH3145 SANYO-MCH3145 Datasheet
48Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
CPH3114 SANYO-CPH3114_11 Datasheet
66Kb / 5P
PNP Epitaxial Planar Silicon Transistors DC / DC Converter Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com