Electronic Components Datasheet Search
  English  ▼

X  

CPH5862 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # CPH5862
Description  MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH5862 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  CPH5862 Datasheet HTML 1Page - Sanyo Semicon Device CPH5862 Datasheet HTML 2Page - Sanyo Semicon Device CPH5862 Datasheet HTML 3Page - Sanyo Semicon Device CPH5862 Datasheet HTML 4Page - Sanyo Semicon Device CPH5862 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CPH5862
No. A0464-2/5
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
[SBD]
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
35
V
Average Output Current
IO
700
mA
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
5
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
[MOSFET]
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
20
V
Zero-Gate Voltage Drain Current
IDSS
VDS=20V, VGS=0V
1
µA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
µA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
0.4
1.3
V
Forward Transfer Admittance
yfs
VDS=10V, ID=1A
1.6
2.7
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=1A, VGS=4V
100
130
mΩ
RDS(on)2
ID=0.5A, VGS=2.5V
130
180
mΩ
Input Capacitance
Ciss
VDS=10V, f=1MHz
190
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
40
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
25
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
9
ns
Rise Time
tr
See specified Test Circuit.
25
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
25
ns
Fall Time
tf
See specified Test Circuit.
18
ns
Total Gate Charge
Qg
VDS=10V, VGS=4V, ID=2A
2.7
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=4V, ID=2A
0.6
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=4V, ID=2A
0.6
nC
Diode Forward Voltage
VSD
IS=2A, VGS=0V
0.87
1.2
V
[SBD]
Reverse Voltage
VR
IR=300µA30
V
Forward Voltage
VF
IF=700mA
0.55
V
Reverse Current
IR
VR=15V
80
µA
Interterminal Capacitance
C
VR=10V, f=1MHz, 1 cycle
25
pF
Reverse Recovery Time
trr
IF=IR=100mA, See specified Test Circuit.
10
ns
Package Dimensions
Electrical Connection
unit : mm (typ)
7017A-005
1 : Cathode
2 : Drain
3 : Gate
4 : Source
5 : Anode
SANYO : CPH5
2
1
4
53
2.9
0.05
0.4
0.15
0.95
54
3
12
1 : Cathode
2 : Drain
3 : Gate
4 : Source
5 : Anode
Top view



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com