Electronic Components Datasheet Search
  English  ▼

X  

CONTROL44 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CONTROL44
Description  4 bit Address - 4 bit Data encoder/decoder
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONTROL44 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CONTROL44 Datasheet HTML 1Page - List of Unclassifed Manufacturers CONTROL44 Datasheet HTML 2Page - List of Unclassifed Manufacturers CONTROL44 Datasheet HTML 3Page - List of Unclassifed Manufacturers CONTROL44 Datasheet HTML 4Page - List of Unclassifed Manufacturers CONTROL44 Datasheet HTML 5Page - List of Unclassifed Manufacturers CONTROL44 Datasheet HTML 6Page - List of Unclassifed Manufacturers CONTROL44 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Radiometrix Ltd
Control44
page 5
Figure 7: Synchronisation codes, DataA, DataB, Address, Checksum and Postamble
Application Modes
Mode
Setup
Description
4 wires
Latch = 0V (connect)
SEND = 0V (connect)
Continuous transmission like wire connection
Pushbutton
Latch = Vdd (connect)
SEND =0V (push button)
Decoder outputs active only when transmitter is
keyed
Latched
Pushbutton
Latch = 0V (connect)
SEND = 0V (push
button)
Decoder outputs hold state of last transmission
Ordering Information
CTR44-000-SS
Control 44 (
≤4MHz)- No Frequency - Shrink Small Outline
CTR44-000-SO
Control 44 (
≤4MHz)- No Frequency - Small Outline
CTR44-000-DIL
Control 44 (
≤4MHz)- No Frequency - Plastic Dual In Package
CTR44L-000-SS
Control 44 Low Voltage (
≤4MHz) - No Frequency - Shrink Small Outline
CTR44L-000-SO
Control 44 Low Voltage (
≤4MHz) - No Frequency - Small Outline
CTR44L-000-DIL
Control 44 Low Voltage (
≤4MHz) - No Frequency - Plastic Dual In Package
CTR44H-000-SS
Control 44 High Speed (4MHz-20MHz) - No Frequency - Shrink Small Outline
CTR44H-000-SO
Control 44 High Speed (4MHz-20MHz) - No Frequency - Small Outline
CTR44H-000-DIL
Control 44 High Speed (4MHz-20MHz) - No Frequency - Plastic Dual In Package



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com