Electronic Components Datasheet Search
  English  ▼

X  

UMA1020AM Datasheet(PDF) 4 Page - NXP Semiconductors

Part # UMA1020AM
Description  Low-voltage dual frequency synthesizer for radio telephones
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1020AM Datasheet(HTML) 4 Page - NXP Semiconductors

  UMA1020AM Datasheet HTML 1Page - NXP Semiconductors UMA1020AM Datasheet HTML 2Page - NXP Semiconductors UMA1020AM Datasheet HTML 3Page - NXP Semiconductors UMA1020AM Datasheet HTML 4Page - NXP Semiconductors UMA1020AM Datasheet HTML 5Page - NXP Semiconductors UMA1020AM Datasheet HTML 6Page - NXP Semiconductors UMA1020AM Datasheet HTML 7Page - NXP Semiconductors UMA1020AM Datasheet HTML 8Page - NXP Semiconductors UMA1020AM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1995 Jul 06
4
Philips Semiconductors
Product specification
Low-voltage dual frequency
synthesizer for radio telephones
UMA1020AM
PINNING
SYMBOL
PIN
DESCRIPTION
FAST
1
control input to speed-up main
synthesizer
CPPF
2
principal synthesizer speed-up
charge-pump output
CPP
3
principal synthesizer normal
charge-pump output
VDD1
4
digital power supply 1
VDD2
5
digital power supply 2
PRI
6
1.7 GHz principal synthesizer
frequency input
DGND
7
digital ground
fXTAL
8
common crystal frequency input from
TCXO
POFF
9
principal synthesizer power-down
input
n.c.
10
not connected
CLK
11
programming bus clock input
DATA
12
programming bus data input
E
13
programming bus enable input
(active LOW)
ISET
14
regulator pin to set the charge-pump
currents
AUX
15
auxiliary synthesizer frequency input
AGND
16
analog ground
CPA
17
auxiliary synthesizer charge-pump
output
VCC
18
supply for charge-pump
AOFF
19
auxiliary synthesizer power-down
input
LOCK
20
in-lock detect output (main PLL); test
mode output
Fig.2 Pin configuration.
FUNCTIONAL DESCRIPTION
Principal synthesizer
Programmable reference and main dividers drive the
principal PLL phase detector. Two charge pumps produce
phase error current pulses for integration in an external
loop filter. A hardwired power-down input POFF (pin 9)
ensures that the dividers and phase comparator circuits
can be disabled.
The PRI input (pin 6) drives a preamplifier to provide the
clock to the first divider stage. The preamplifier has a high
input impedance, dominated by pin and pad capacitance.
The circuit operates with signal levels from 100 mV to
500 mV (RMS), and at frequencies up to 1.7 GHz.
The high frequency divider circuits use bipolar transistors,
slower bits are CMOS. Divider ratios (512 to 131071)
allow up to 2 MHz phase comparison frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com