Electronic Components Datasheet Search
  English  ▼

X  

EC4K11MF Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # EC4K11MF
Description  CMOS IC Amplifier IC for Condenser Microphone
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC4K11MF Datasheet(HTML) 2 Page - Sanyo Semicon Device

  EC4K11MF Datasheet HTML 1Page - Sanyo Semicon Device EC4K11MF Datasheet HTML 2Page - Sanyo Semicon Device EC4K11MF Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EC4K11MF
No. A0506-2/3
Package Dimensions
Test Circuit
unit : mm (typ)
7046-001
1 : GND
2 : IN
3 : GND
4 : OUT
SANYO : ECSP1410-4-F
1
43
12
43
2
1.0
0.25
0.6
Polarity Discriminating Mark
Bottom View
Top View
2.2kΩ
VDD
VIN
3pF
OUT
GND
IN
100nF
IT11449
1.0
10
100
20
16
12
8
4
18
14
10
6
2
0
1.5
2.0
2.5
3.0
4.0
3.5
20
18
16
14
2
4
6
8
10
12
0
7
5
3
2
7
5
3
2
7
5
3
27
5
3
2
2
1.0
10
100
7
5
32
1k
7
5
32
10k
7
5
3
100k
20
18
16
14
12
2
4
6
8
10
0
IDD -- VDD
Supply Voltage, VDD -- V
GV -- VDD
Supply Voltage, VDD -- V
GV -- f
Frequency Characteristics, f -- Hz
Input Voltage, VIN -- mV
THD -- VIN
IT11447
1.5
2.0
2.5
3.0
4.0
3.5
220
200
210
190
180
170
160
150
140
VDD=2V
Cin=3pF
RL=2.2kΩ
VIN=10mV
IT11444
IT11445
Cin=3pF
RL=2.2kΩ
VIN=10mV
f=1kHz
IT11446
RL=2.2kΩ
VDD=2V
Cin=3pF
RL=2.2kΩ
f=1kHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com