Electronic Components Datasheet Search
  English  ▼

X  

UMA1021 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # UMA1021
Description  Low-voltage frequency synthesizer for radio telephones
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1021 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button UMA1021 Datasheet HTML 3Page - NXP Semiconductors UMA1021 Datasheet HTML 4Page - NXP Semiconductors UMA1021 Datasheet HTML 5Page - NXP Semiconductors UMA1021 Datasheet HTML 6Page - NXP Semiconductors UMA1021 Datasheet HTML 7Page - NXP Semiconductors UMA1021 Datasheet HTML 8Page - NXP Semiconductors UMA1021 Datasheet HTML 9Page - NXP Semiconductors UMA1021 Datasheet HTML 10Page - NXP Semiconductors UMA1021 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1998 Nov 19
7
Philips Semiconductors
Product specification
Low-voltage frequency synthesizer for
radio telephones
UMA1021AM
CHARACTERISTICS
All values refer to the typical test and application diagram of Fig.5; VDD1 =VDD2 = 2.7 to 5.5 V; VCC = 2.7 to 5.5 V;
Tamb =25 °C; unless otherwise specified. Characteristics for which only a typical value is given are not tested.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies; pins 3, 12 and 15
VDD1, VDD2
digital supply voltage
VDD1 =VDD2 =VDD
2.7
−
5.5
V
VCC
analog supply voltage for charge
pump
VCC ≥ VDD
2.7
−
5.5
V
IDD
total digital supply current of
synthesizer (IDD1 +IDD2)
VDD = 5.5 V
−
7
9.5
mA
ICC
analog supply current of charge
pump
VCC = 5.5 V;
Rset = 5.6 kΩ
−
3
3.8
mA
Itot(pd)
total supply current in
Power-down mode (IDD +ICC)
logic levels0VorVDD −
550
µA
RF main divider input; pin 5
fRF
RF input frequency
300
−
2200
MHz
VRF(rms)
input signal level (RMS value)
AC-coupled; series
resistance Rs =50 Ω
50
−
225
mV
D/Dm
main divider ratio
512
−
131071
Zi
input impedance (real part)
fRF = 1 GHz
−
750
−Ω
fRF = 2 GHz
−
130
−Ω
Ci
input capacitance
fRF = 1 GHz
−
0.5
−
pF
fRF = 2 GHz
−
1.5
−
pF
Reference divider input; pin 13
fxtal
crystal reference oscillator input
frequency
3
−
35
MHz
Vxtal(rms)
sinusoidal input signal level
(RMS value)
50
−
500
mV
D/Dref
reference divider ratio
8
2047
Zi
input impedance (real part)
fxtal =13MHz
−
10
−
k
Ω
Ci
input capacitance
fxtal =13MHz
−
1.3
−
pF
Phase comparator
fph(comp)
phase comparator frequency
−
200
−
kHz
floop(max)
maximum loop comparison
frequency
−
2000
−
kHz
Charge pump current setting; pin 16
Rset
external resistor
connected between
pin 16 and ground
5.6
−
12
k
Ω
Vset
regulated voltage
Rset = 5.6 kΩ−
1.2
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com