Electronic Components Datasheet Search
  English  ▼

X  

LH4266CD Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LH4266CD
Description  SPDT RF Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LH4266CD Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LH4266CD Datasheet HTML 1Page - National Semiconductor (TI) LH4266CD Datasheet HTML 2Page - National Semiconductor (TI) LH4266CD Datasheet HTML 3Page - National Semiconductor (TI) LH4266CD Datasheet HTML 4Page - National Semiconductor (TI) LH4266CD Datasheet HTML 5Page - National Semiconductor (TI) LH4266CD Datasheet HTML 6Page - National Semiconductor (TI) LH4266CD Datasheet HTML 7Page - National Semiconductor (TI) LH4266CD Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VS)
g
18V
Power Dissipation (PD)(See Curve)
20W
Input Signal (VIN)
g
VS
ESD
TBD
Control Voltage (VC)VSb2V
Storage Temperature Range (TSTG)
b
65 Cto a150 C
Operating Temperature Range (TA)
LH4266CD
b
25 Cto a85 C
LH4266D
b
55 Cto a125 C
Lead Temperature (TL)
(Soldering k 10 seconds)
300 C
DC Electrical Characteristics VS e g15V RS e 50X RL e 50X TA e 25 C unless otherwise noted
LH4266C
Units
Symbol
Parameter
Conditions
Tested
Design
(Max unless
Typical
Limit
Limit
otherwise
(Note 2)
(Note 3)
noted)
IS
Supply
Va
48
7
mA
Current
Vb
b
47
b
60
VTH
Logic High
15
20
V (Min)
VTL
Logic Low
05
08
V
IIN
Control Input Current
VIN e 0V to 5V
20
30
m
A
RON
On Resistance
V1 e V2 e 0V
15
18
X
Dr
Resistance Match
ID e 1mA
4
Leakage Current
V1b2 e VD e g5V
100
Switch On Note 4
V1b2 e VD e g5V
100
nA
Switch Off Note 4
V1b2 e VD e g5V
100
Input to Input
DC Electrical Characteristics
VS e g15V RS e 50X RL e 50X TA e 25 C unless otherwise noted (Note 1)
LH4266
Units
Symbol
Parameter
Conditions
Tested
Design
(Max unless
Typical
Limit
Limit
otherwise
(Note 2)
(Note 3)
noted)
IS
Supply
Va
48
7
mA
Current
Vb
b
47
b
60
VTH
Logic High
15
18
V (Min)
VTL
Logic Low
05
08
V
IIN
Control Input Current
VIN e 0V to 5V
20
30
m
A
RON
On Resistance
V1 e V2 e 0V
15
30
X
Dr
Resistance Match
ID e 1mA
6
Leakage Current
V1b2 e VD e g5V
1
Switch On Note 4
V1b2 e VD e g5V
1
m
A
Switch Off Note 4
V1b2 e VD e g5V
1
Input to Input
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com